Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52610 Datasheet (PDF) - Molex Electronics Ltd.

52610 Datasheet PDF - Molex Electronics Ltd.
Part # 52610
Download  52610 Download
File Size   31.19 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FFC-FPC (SMT)

52610 Datasheet (PDF)

Go To PDF Page Download Datasheet
52610 Datasheet PDF - Molex Electronics Ltd.

Part # 52610
Download  52610 Click to download

File Size   31.19 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FFC-FPC (SMT)

52610 Datasheet (HTML) - Molex Electronics Ltd.


52610 Product details

Description: Easy-On FFC/FPC Connector, 1.00mm Pitch, Slider Series, Vertical, 5.75mm Height, 26 Circuits, Tin-Silver-Bismuth

Application Power, Wire-to-Board




Similar Part No. - 52610

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52610 MOLEX-52610 Datasheet
34Kb / 2P
FFC-FPC (SMT)
04/25/2013
52610 MOLEX-52610 Datasheet
31Kb / 2P
FFC-FPC (SMT)
10/29/2018
52610 MOLEX-52610 Datasheet
31Kb / 2P
FFC-FPC (SMT)
10/29/2018
52610 MOLEX-52610 Datasheet
34Kb / 2P
FFC-FPC (SMT)
04/18/2013
52610 MOLEX-52610 Datasheet
33Kb / 2P
Easy-On FFC FPC Connectors
07/06/2021
More results


Similar Description - 52610

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54809 MOLEX-54809 Datasheet
2Mb / 2P
0.30 and 0.50mm Pitch Ultra-low Profile SMT FFC/FPC Connectors
0524372271 MOLEX7-0524372271 Datasheet
433Kb / 7P
0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact
0526102071 MOLEX7-0526102071 Datasheet
514Kb / 9P
1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 20 Circuits,
0545480571 MOLEX7-0545480571 Datasheet
541Kb / 7P
0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
FFC-FPC SMT Family Overview
logo
FCI connector
62674-241121ALF FCI-CONNECTOR-62674-241121ALF Datasheet
1Mb / 10P
0.5mm FPC/FFC SMT
62674 FCI-CONNECTOR-62674 Datasheet
1Mb / 10P
0.5MM FPC/FFC SMT CONNECTOR USED FOR FPC/FFC WITH 0.5MM CONTACK SPACING
logo
Newhaven Display Intern...
MOLEX52207-0485 NEWHAVEN-MOLEX52207-0485 Datasheet
39Kb / 2P
1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact Style
MOLEX52207-1685 NEWHAVEN-MOLEX52207-1685 Datasheet
39Kb / 2P
1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact Style
MOLEX52207-2285 NEWHAVEN-MOLEX52207-2285 Datasheet
39Kb / 2P
1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact Style
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com