Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-WN-REFX Datasheet (PDF) - SICK AG

BEF-WN-REFX Datasheet PDF - SICK AG
Part # BEF-WN-REFX
Download  BEF-WN-REFX Download
File Size   543.75 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RAY10 Reflex Array

BEF-WN-REFX Datasheet (PDF)

Go To PDF Page Download Datasheet
BEF-WN-REFX Datasheet PDF - SICK AG

Part # BEF-WN-REFX
Download  BEF-WN-REFX Click to download

File Size   543.75 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RAY10 Reflex Array

BEF-WN-REFX Datasheet (HTML) - SICK AG


BEF-WN-REFX Product details

Features
Functional principle Photoelectric retro-reflective sensor
Functional principle detail Dual lens, Reflex Array
Dimensions (W x H x D) 21.5 mm x 36 mm x 37.7 mm
Housing design (light emission) Rectangular
Minimum object size 5 mm, position-independent detection within the light array
Detection height 25 mm
Sensing range max. 0 m ... 1.5 m
Distance of the sensor to reflector 0.3 m ... 1.5 m
Type of light Visible red light
Light source PinPoint LED
Light spot size (distance) 37 mm x 12 mm (1 m)
Wave length 635 nm
Adjustment Potentiometer
Special applications Detecting transparent objects, Detecting perforated objects, Detecting uneven, shiny objects, Detecting objects with position tolerances, Detecting flat objects




Similar Part No. - BEF-WN-REFX

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-WN-REFX SICK-BEF-WN-REFX Datasheet
379Kb / 8P
W100 Laser MINIATURE PHOTOELECTRIC SENSORS
2023-04-25 18:33:36
BEF-WN-REFX SICK-BEF-WN-REFX Datasheet
852Kb / 9P
W4 MINIATURE PHOTOELECTRIC SENSORS
2024-03-28 20:00:12
BEF-WN-REFX SICK-BEF-WN-REFX Datasheet
604Kb / 9P
HYBRID PHOTOELECTRIC SENSORS
2024-03-12 16:10:49
BEF-WN-REFX SICK-BEF-WN-REFX Datasheet
853Kb / 9P
MINIATURE PHOTOELECTRIC SENSORS
2024-03-28 20:00:12
More results


Similar Description - BEF-WN-REFX

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
TRR-C23PA-PMS-10B CONTRINEX-TRR-C23PA-PMS-10B Datasheet
893Kb / 6P
TRANSPARENT REFLEX
TRR-C23PA-TMS-60D CONTRINEX-TRR-C23PA-TMS-60D Datasheet
892Kb / 6P
TRANSPARENT REFLEX
TRR-C23PA-PMS-60D CONTRINEX-TRR-C23PA-PMS-60D Datasheet
893Kb / 6P
TRANSPARENT REFLEX
TRU-C23PA-TMS-10B CONTRINEX-TRU-C23PA-TMS-10B Datasheet
890Kb / 6P
TRANSPARENT REFLEX
TRR-C23PA-PMS-101 CONTRINEX-TRR-C23PA-PMS-101 Datasheet
893Kb / 6P
TRANSPARENT REFLEX
TRU-C23PA-TMS-60D CONTRINEX-TRU-C23PA-TMS-60D Datasheet
890Kb / 6P
TRANSPARENT REFLEX
TRR-C23PA-PMS-603 CONTRINEX-TRR-C23PA-PMS-603 Datasheet
893Kb / 6P
TRANSPARENT REFLEX
TRU-C23PA-TMS-101 CONTRINEX-TRU-C23PA-TMS-101 Datasheet
890Kb / 6P
TRANSPARENT REFLEX
logo
Festo Corporation.
3649 FESTO-3649 Datasheet
77Kb / 1P
Reflex sensor
7454 FESTO-7454 Datasheet
77Kb / 1P
Reflex sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com