Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6034574 Datasheet (PDF) - SICK AG

6034574 Datasheet PDF - SICK AG
Part # 6034574
Download  6034574 Download
File Size   602.92 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description S300 Mini

6034574 Datasheet (PDF)

Go To PDF Page Download Datasheet
6034574 Datasheet PDF - SICK AG

Part # 6034574
Download  6034574 Click to download

File Size   602.92 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description S300 Mini

6034574 Datasheet (HTML) - SICK AG


6034574 Product details

Features
Sub product family S300 Mini Standard
Application Indoor
Protective field range 2 m
Warning field range 8 m (at 15 % reflectivity)
Distance measuring range 30 m
Type of field set Triple field sets
Number of field sets 1
Number of fields 3
Number of monitoring cases 1
Scanning angle 270°
Resolution (can be configured) 30 mm, 40 mm, 50 mm, 70 mm
Angular resolution 0.5°
Response time 80 ms
Protective field supplement 100 mm
Number of multiple samplings 2 ... 16, configurable
Delay of automatic reset 2 s ... 60 s, configurable




Similar Part No. - 6034574

ManufacturerPart #DatasheetDescription
logo
SICK AG
6034574 SICK-6034574 Datasheet
174Kb / 3P
Plug connector cable
6034574 SICK-6034574 Datasheet
559Kb / 9P
SAFETY LIGHT CURTAINS
2024-03-01 06:41:22
More results


Similar Description - 6034574

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
logo
PHOENIX CONTACT
2294445 PHOENIX-2294445 Datasheet
118Kb / 4P
FLKM 50-PA-S300
2296281 PHOENIX-2296281 Datasheet
116Kb / 4P
FLKM 50/4-FLK14/PA-S300
2296414 PHOENIX-2296414 Datasheet
56Kb / 3P
Front adapters - FLKM 50-PA-S300/6J/SMKDS1
2299770 PHOENIX-2299770 Datasheet
110Kb / 5P
FLKM 14-PA-S300
2314749 PHOENIX-2314749 Datasheet
96Kb / 4P
FLKM 16-PA-S300/MINI-MCR
2307662 PHOENIX-2307662 Datasheet
64Kb / 3P
Front adapters - FLKM 50-PA-S300/SO167
11/05/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com