Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR10 Datasheet (PDF) - List of Unclassifed Manufacturers

MR10 Datasheet PDF - List of Unclassifed Manufacturers
Part # MR10
Download  MR10 Download
File Size   281.2 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description DC/DC converters

MR10 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR10 Datasheet PDF - List of Unclassifed Manufacturers

Part # MR10
Download  MR10 Click to download

File Size   281.2 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description DC/DC converters

MR10 Datasheet (HTML) - List of Unclassifed Manufacturers


MR10 Product details

[Alexander Eleсtriс holding]



• Completely replace power-supply modules MDM7.5-P series on dimensions and purpose of conclusions and have the improved characteristics

• Working temperature range from -60°C to +125°C

• High power density

• High reliability

• Single and multi-output models

• Output voltage regulation

• Short circuit protection, overvoltage and thermal protection

• Remote on/off

• Coefficient of efficiency 82%

• Small size, low-profile

• Metal case

• Cooling by free air convection or a heat sink using

• Galvanic isolated outputs



 




Similar Part No. - MR10

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MR10 SEI-MR10 Datasheet
281Kb / 5P
Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
logo
Teledyne FLIR LLC
MR10 FLIR-MR10 Datasheet
1Mb / 9P
MOISTURE METER GUIDE FIND THE RIGHT SOLUTION
07/18
logo
Lapp.
MR10-20 LAPP-MR10-20 Datasheet
832Kb / 7P
FLEXIMARK Stainless Steel Character Strips & Holders
12.12.2018
logo
Vishay Siliconix
MR100 VISHAY-MR100 Datasheet
83Kb / 3P
Wirewound Resistor, Ultra Precision,Epoxy Molded, Axial Lead
17-Aug-12
logo
RFE international
MR100 RFE-MR100 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
More results


Similar Description - MR10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com