Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX35104 Datasheet (PDF) - Analog Devices

MAX35104 Datasheet PDF - Analog Devices
Part # MAX35104
Download  MAX35104 Download
File Size   1299.05 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Gas Flow Meter SoC

MAX35104 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX35104 Datasheet PDF - Analog Devices

Part # MAX35104
Download  MAX35104 Click to download

File Size   1299.05 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Gas Flow Meter SoC

MAX35104 Datasheet (HTML) - Analog Devices


MAX35104 Product details

Features
●●High Accuracy Flow Measurement for Billing and Leak Detection
•Time-to-Digital Accuracy Down to 700ps
Measurement Range Up to 8ms
•2 Channels: Single-Stop Channel
●●High Accuracy Temperature Measurement for Precise Flow Calculations
•One 2-Wire Sensor: PT1000, PT500 RTD, and Thermistor Support
●●Maximizes Battery Life with Low Device and Overall System Power
•Ultra-Low 62μA TOF Measurement and 125nA
Duty-Cycled Temperature Measurement
•Event Timing Mode with Randomizer Reduces Host μC Overhead to Minimize System Power Consumption
•2.3V to 3.6V Single-Supply Operation
●●High Integration Solution Minimizes Parts Count and Reduces BOM Cost
•Built-In Real-Time Clock
•Small, 5mm x 5mm, 40-Pin TQFN Package
•-40°C to +85°C Operation




Similar Part No. - MAX35104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX35104 MAXIM-MAX35104 Datasheet
1Mb / 80P
Gas Flow Meter SoC
19-8501; Rev 3; 12/17
MAX35104ETL+ MAXIM-MAX35104ETL+ Datasheet
1Mb / 80P
Gas Flow Meter SoC
19-8501; Rev 3; 12/17
MAX35104ETL+T MAXIM-MAX35104ETL+T Datasheet
1Mb / 80P
Gas Flow Meter SoC
19-8501; Rev 3; 12/17
MAX35104EVKIT MAXIM-MAX35104EVKIT Datasheet
1Mb / 21P
Easy Evaluation of the MAX35104
Rev 0; 10/16
MAX35104EVKIT# MAXIM-MAX35104EVKIT# Datasheet
1Mb / 21P
Easy Evaluation of the MAX35104
Rev 0; 10/16
More results


Similar Description - MAX35104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GFL-9722 ETC2-GFL-9722 Datasheet
229Kb / 3P
Gas flow sensor
SLQ-QT500 ETC2-SLQ-QT500 Datasheet
580Kb / 7P
High Purity Flow Meter
logo
TT Electronics.
DS1012 TTELEC-DS1012 Datasheet
335Kb / 1P
Turbine Flow Meter
DS1014 TTELEC-DS1014 Datasheet
331Kb / 2P
Gas Flow Transmitter
DOSIC TTELEC-DOSIC Datasheet
298Kb / 1P
Ultrasonic Flow Meter
FFU TTELEC-FFU Datasheet
330Kb / 1P
Ultrasonic Flow Meter
logo
Renesas Technology Corp
FS1023-DG RENESAS-FS1023-DG Datasheet
534Kb / 11P
Gas Flow Sensor Module
FS1027-DG RENESAS-FS1027-DG Datasheet
532Kb / 11P
Gas Flow Sensor Module
logo
Maxim Integrated Produc...
MAX35104 MAXIM-MAX35104 Datasheet
1Mb / 80P
Gas Flow Meter SoC
19-8501; Rev 3; 12/17
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
Analog Mass Flow Meter
Version 0.4
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com