Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX40000 Datasheet (PDF) - Analog Devices

MAX40000 Datasheet PDF - Analog Devices
Part # MAX40000
Download  MAX40000 Download
File Size   1026.71 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.7V, nanoPower Comparators with Built-In Reference

MAX40000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40000 Datasheet PDF - Analog Devices

Part # MAX40000
Download  MAX40000 Click to download

File Size   1026.71 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.7V, nanoPower Comparators with Built-In Reference

MAX40000 Datasheet (HTML) - Analog Devices


MAX40000 Product details

Features
● Micropower Operating Current (0.9μA typ, 1.7μA max)
Preserves Battery Power
● Tiny 1.11mm x 0.76mm 6-Bump WLP and SOT23
Packages Save Board Space
● Internal Precision Reference Saves Space and Cost
of an External Reference
• < 1% at Room Temperature, < 2.5% Over Temp
Reference
• Multiple Reference Voltages (1.252V, 1.66V, 1.94V,
and 2.22V)
● Input Voltage Range = -0.2V to 5.7V
● Supply Voltage Range (1.7V to 5.5V) Allows
Operation from 1.8V, 2.5V, 3V, and 5V Supplies
● <10μs Propagation Delay
● Push-Pull (MAX40000) or Open-Drain (MAX40001)
Outputs




Similar Part No. - MAX40000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX40000 MAXIM-MAX40000 Datasheet
1Mb / 7P
-0.2V to VDD 0.2 Input Voltage Range
Rev 2; 6/17
MAX40000ANT12+T MAXIM-MAX40000ANT12+T Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX40000ANT16+T* MAXIM-MAX40000ANT16+T* Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX40000ANT19+T* MAXIM-MAX40000ANT19+T* Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
More results


Similar Description - MAX40000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP_14 Datasheet
853Kb / 19P
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX49017 MAXIM-MAX49017 Datasheet
735Kb / 18P
1.7V, Dual microPower Comparator with Built-In Reference
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com