Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8083F Datasheet (PDF) - Toshiba Semiconductor

TA8083F Datasheet PDF - Toshiba Semiconductor
Part # TA8083F
Download  TA8083F Download
File Size   276.48 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL DC MOTOR DRIVER

TA8083F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8083F Datasheet PDF - Toshiba Semiconductor

Part # TA8083F
Download  TA8083F Click to download

File Size   276.48 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL DC MOTOR DRIVER

TA8083F Datasheet (HTML) - Toshiba Semiconductor


TA8083F Product details

FEATURES
0.5A bidirectional DC motor driver.
Two circuits contained (power supply, self-diagnostic, and
protective functions provide for each channel)
Low standby current : 0.1mA (Max.)
Self-diagnostic output : short-circuit mode (1A Typ.)
Recommended operating supply voltage range
: VCC = 8 V to 16 V
Self-diagnostic output : short-circuit mode (1A Typ.)
Protective functions : Thermal-Shutdown, Short-Circuit
Protection, and Over-voltage
Shutdown
Built-in counter electromotive force absorption diodes.
DIP 16pin plastic package (TA8083P)
HSOP 20pin power flat package (TA8083F)




Similar Part No. - TA8083F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8083F TOSHIBA-TA8083F Datasheet
382Kb / 9P
DUAL DC MOTOR DRIVER
More results


Similar Description - TA8083F

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
Integrated Circuit Dual, DC Motor Driver
logo
Toshiba Semiconductor
TA8082H TOSHIBA-TA8082H Datasheet
217Kb / 6P
DUAL DC MOTOR DRIVER
TA8083F TOSHIBA-TA8083F Datasheet
382Kb / 9P
DUAL DC MOTOR DRIVER
TA8083P TOSHIBA-TA8083P Datasheet
324Kb / 8P
DUAL DC MOTOR DRIVER
logo
List of Unclassifed Man...
WT7012 ETC-WT7012 Datasheet
69Kb / 3P
DUAL MOTOR DRIVER AND DC-DC CONVERTER
logo
Toshiba Semiconductor
TD62917H TOSHIBA-TD62917H Datasheet
329Kb / 9P
DUAL DC MOTOR DRIVER
TB6612FNG TOSHIBA-TB6612FNG Datasheet
587Kb / 11P
Driver IC for Dual DC motor
logo
SHENZHEN FUMAN ELECTRON...
FM1919 FUMAN-FM1919 Datasheet
379Kb / 5P
Dual channel DC motor driver
logo
Shenzhen Huazhimei Semi...
HM2540C HMSEMI-HM2540C Datasheet
446Kb / 5P
Dual channel DC motor driver
logo
STMicroelectronics
STSPIN840 STMICROELECTRONICS-STSPIN840 Datasheet
720Kb / 28P
Compact dual brushed DC motor driver
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com