Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP60N03KUG Datasheet (PDF) - Renesas Technology Corp

NP60N03KUG Datasheet PDF - Renesas Technology Corp
Part # NP60N03KUG
Download  NP60N03KUG Download
File Size   266.74 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SWITCHING N-CHANNEL POWER MOS FET

NP60N03KUG Datasheet (PDF)

Go To PDF Page Download Datasheet
NP60N03KUG Datasheet PDF - Renesas Technology Corp

Part # NP60N03KUG
Download  NP60N03KUG Click to download

File Size   266.74 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SWITCHING N-CHANNEL POWER MOS FET

NP60N03KUG Datasheet (HTML) - Renesas Technology Corp


NP60N03KUG Product details

• Channel temperature 175 degree rating
• Super low on-state resistance
RDS(on) = 4.8 mΩ MAX. (VGS = 10 V, ID = 30 A)
• Low Ciss: Ciss = 3500 pF TYP.




Similar Part No. - NP60N03KUG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N03KUG RENESAS-NP60N03KUG Datasheet
5Mb / 6P
Product Scout Automotive
logo
VBsemi Electronics Co.,...
NP60N03KUG VBSEMI-NP60N03KUG Datasheet
1Mb / 10P
N-Channel 30 V (D-S) 175 째C MOSFET
logo
Inchange Semiconductor ...
NP60N03KUG ISC-NP60N03KUG Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
NP60N03KUG RENESAS-NP60N03KUG_15 Datasheet
267Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET
More results


Similar Description - NP60N03KUG

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP82N06PDG-E1-AY RENESAS-NP82N06PDG-E1-AY Datasheet
267Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
2SK3357 RENESAS-2SK3357_15 Datasheet
267Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
NP40N055EHE RENESAS-NP40N055EHE_15 Datasheet
299Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE RENESAS-NP80N055EHE_15 Datasheet
300Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE RENESAS-NP84N055EHE_15 Datasheet
306Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
2SK3484 RENESAS-2SK3484_15 Datasheet
241Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
2SK3814 RENESAS-2SK3814_15 Datasheet
252Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com