Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7377 Datasheet (PDF) - Unisonic Technologies

TDA7377 Datasheet PDF - Unisonic Technologies
Part # TDA7377_V01
Download  TDA7377 Download
File Size   379.78 Kbytes
Page   10 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO

TDA7377 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7377 Datasheet PDF - Unisonic Technologies

Part # TDA7377_V01
Download  TDA7377 Click to download

File Size   379.78 Kbytes
Page   10 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO

TDA7377 Datasheet (HTML) - Unisonic Technologies


TDA7377 Product details

DESCRIPTION
The UTC TDA7377 is a class AB car radio amplifier for car
radio, it can work either in dual bridge or quad single ended
configuration. The exclusive fully complementary structure of the
output stage and the internally fixed gain guarantees the highest
possible power performances with few external components. The
on-board clip detector simplifies gain compression operation. The
fault diagnostics makes it possible to detect mistakes during car
radio set assembly and wiring in the car.

FEATURES
* High Output Power@VCC=14.4V, f=1KHz,RL=4Ω:
– 2 x 35W Max.
– 2 x 20W@THD= 10%
– 4 x 6 W @10%
– 4 x 10W / 2Ω@10%
– 2 x 30W / EIAJ@ VCC =13.7V,RL=4Ω
* CMOS Compatible Stand-by Function (Low ICC)
* No Audible pop During st-by Operations
* Internally Fixed Gain (26dB BTL and 20dB single ended)
* No Bootstrap Capacitors and boucherot Cells
* Diagnostics Facility on pin10 when output Clipping, shorted to
Vcc or GND, thermal shutdown and soft short at turn on.
* Rail to rail output swing
* Absolute Stability Without Any External Compensation




Similar Part No. - TDA7377_V01

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7377G-J15-A-T UTC-TDA7377G-J15-A-T Datasheet
349Kb / 10P
30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377G-J15-D-T UTC-TDA7377G-J15-D-T Datasheet
311Kb / 8P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377G-J15-D-T UTC-TDA7377G-J15-D-T Datasheet
349Kb / 10P
30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7377H STMICROELECTRONICS-TDA7377H Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
logo
Unisonic Technologies
TDA7377L-J15-A-T UTC-TDA7377L-J15-A-T Datasheet
349Kb / 10P
30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results


Similar Description - TDA7377_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7375A STMICROELECTRONICS-TDA7375A Datasheet
192Kb / 14P
2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
TDA7375A STMICROELECTRONICS-TDA7375A_05 Datasheet
651Kb / 15P
2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Mar-2005
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377 UTC-TDA7377 Datasheet
311Kb / 8P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
2 x 35W dual/quad power amplifier for car radio
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377 UTC-TDA7377_15 Datasheet
349Kb / 10P
30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
D7377 ETC-D7377 Datasheet
486Kb / 11P
2×30W Dual/Quad Power Amplifier for Car Radio D7377
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com