Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X11D Datasheet (PDF) - Texas Instruments

AMC0X11D Datasheet PDF - Texas Instruments
Part # AMC0X11D
Download  AMC0X11D Download
File Size   1614.23 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0x11D Precision, 2V Input, Basic and Reinforced Isolated Amplifiers with Fixed-Gain and Differential Output

AMC0X11D Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC0X11D Datasheet PDF - Texas Instruments

Part # AMC0X11D
Download  AMC0X11D Click to download

File Size   1614.23 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0x11D Precision, 2V Input, Basic and Reinforced Isolated Amplifiers with Fixed-Gain and Differential Output

AMC0X11D Datasheet (HTML) - Texas Instruments


AMC0X11D Product details

1 Features
• Linear input voltage range: –0.1V to 2V
• High input impedance: 2.4GΩ (typical)
• Supply voltage range:
– High-side (VDD1): 3.0V to 5.5V
– Low-side (VDD2): 3.0V to 5.5V
• Fixed gain: 1V/V
• Differential output
• Low DC errors:
– Offset error: ±0.8mV (maximum)
– Offset drift: ±10μV/°C (maximum)
– Gain error: ±0.25% (maximum)
– Gain drift: ±50ppm/°C (maximum)
– Nonlinearity: ±0.035% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Isolation ratings:
– AMC0211D: Basic isolation
– AMC0311D: Reinforced isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL1577
• Fully specified over the industrial temperature
range: –40°C to +125°C

2 Applications
• Motor drives
• Photovoltaic inverters
• Server power-supply units (PSU)
• EV charging stations

3 Description
The AMC0x11D is a precision, galvanically isolated
amplifier with a 2V, high impedance input, fixed-gain,
and differential output. The high-impedance input
is optimized for connection to a high-impedance
resistive divider or other voltage signal source with
high output resistance.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced isolation up to 5kVRMS (DWV
package) and basic isolation up to 3kVRMS (D
package) (60s).
The AMC0x11D outputs a differential signal
proportional to the input voltage. The differential
output is insensitive to ground shifts and enables
routing the output signal over long distances.
The AMC0x11D devices come in 8-pin, wide- and
narrow-body SOIC packages, and are fully specified
over the temperature range from –40°C to +125°C.




Similar Part No. - AMC0X11D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0X11D TI-AMC0X11D Datasheet
1Mb / 35P
AMC0x11D Precision, 2V Input, Basic and Reinforced Isolated Amplifiers with Fixed-Gain and Differential Output
DECEMBER 2024
AMC0X11D-Q1 TI-AMC0X11D-Q1 Datasheet
1Mb / 30P
AMC0x11D-Q1 Automotive, Precision, 2V Input, Basic and Reinforced Isolated Amplifiers With Fixed-Gain Differential Output
OCTOBER 2024
AMC0X11D-Q1 TI-AMC0X11D-Q1 Datasheet
1Mb / 31P
AMC0x11D-Q1 Automotive, Precision, 2V Input, Basic and Reinforced Isolated Amplifiers With Fixed-Gain Differential Output
OCTOBER 2024
AMC0X11D-Q1 TI2-AMC0X11D-Q1 Datasheet
1,015Kb / 28P
AMC0x11D-Q1 Automotive, Precision, 2V Input, Basic and Reinforced Isolated Amplifiers With Fixed-Gain and Differential Output
REVISED MAY 2025
AMC0X11D-Q1 TI2-AMC0X11D-Q1 Datasheet
1Mb / 35P
AMC0x11D-Q1 Automotive, Precision, 2V Input, Basic and Reinforced Isolated Amplifiers With Fixed-Gain and Differential Output
REVISED MAY 2025
More results


Similar Description - AMC0X11D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP484 AD-OP484_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
logo
Allegro MicroSystems
ACS726 ALLEGRO-ACS726 Datasheet
1Mb / 15P
Galvanically Isolated Current Sensor IC With Differential Output and Externally Adjustable Gain
logo
Texas Instruments
AMC1311 TI1-AMC1311 Datasheet
1Mb / 36P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
ISO224 TI1-ISO224 Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
logo
Analog Devices
ADUM4195-1 AD-ADUM4195-1 Datasheet
634Kb / 16P
Isolated Amplifier with Fixed Gain and Single-Ended Output
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com