Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44298 Datasheet (PDF) - Analog Devices

MAX44298 Datasheet PDF - Analog Devices
Part # MAX44298
Download  MAX44298 Download
File Size   545.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current and Voltage Sense with Power Measurement

MAX44298 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44298 Datasheet PDF - Analog Devices

Part # MAX44298
Download  MAX44298 Click to download

File Size   545.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current and Voltage Sense with Power Measurement

MAX44298 Datasheet (HTML) - Analog Devices


MAX44298 Product details

Features
●●High Accuracy Improves Measurement Quality
•Accurate Power Measurement: < 1.1% of Reading Total Error
•Zero Thermal Drift Current-Sense Input
●●High Integration Saves Cost and Space
•Power, Current, and Voltage Monitoring Plus
Reference
•5mV, 10mV, and 20mV Programmable Current-Sensing Full-Scale Voltage
•Calibration Point at 10μA upon Command
●●Single-Supply Range and Low Power Simplify Power-Supply Design
•Current Output Signals Overcome Trace Output
Voltage Drops and Noise
•3V to 5.5V Single Supply
•Power-Down Mode with High-Impedance Output
•0°C to +85°C Temperature Range
•Tiny 16-Bump, 2.4mm x 2.4mm WLP Package




Similar Part No. - MAX44298

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44298 MAXIM-MAX44298 Datasheet
4Mb / 14P
Precision Real-Time, Low-Side Current /Voltage/ Power Monitoring
19-7855; Rev 0; 11/15
MAX44298 MAXIM-MAX44298 Datasheet
552Kb / 16P
Current and Voltage Sense with Power Measurement
2018
MAX44298EVKIT MAXIM-MAX44298EVKIT Datasheet
4Mb / 14P
Precision Real-Time, Low-Side Current /Voltage/ Power Monitoring
19-7855; Rev 0; 11/15
MAX44298EVKIT# MAXIM-MAX44298EVKIT# Datasheet
4Mb / 14P
Precision Real-Time, Low-Side Current /Voltage/ Power Monitoring
19-7855; Rev 0; 11/15
MAX44298UWE+ MAXIM-MAX44298UWE+ Datasheet
552Kb / 16P
Current and Voltage Sense with Power Measurement
2018
More results


Similar Description - MAX44298

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2943 LINER-LTC2943_15 Datasheet
260Kb / 20P
Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
LTC2942-1 LINER-LTC2942-1_15 Datasheet
240Kb / 16P
1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
logo
Silicon Laboratories
AN839 SILABS-AN839 Datasheet
131Kb / 5P
Novel Current-Sense Measurement with Automatic Offset Correction
logo
Linear Technology
LTC2943 LINER-LTC2943 Datasheet
506Kb / 12P
Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
LTC2942-1 LINER-LTC2942-1 Datasheet
240Kb / 16P
1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
High Voltage High Side Current and Voltage Sense
04/19-REV.A
logo
Maxim Integrated Produc...
MAX20360EVKIT MAXIM-MAX20360EVKIT Datasheet
5Mb / 35P
Sense Test Point for Output-Voltage Measurement
Rev 2; 7/21
logo
SparkFun Electronics
SEN-16407 SPARKFUN-SEN-16407 Datasheet
195Kb / 2P
KR Sense Current and Voltage Sensor - 45A
3??8??0
SEN-16408 SPARKFUN-SEN-16408 Datasheet
196Kb / 2P
KR Sense Current and Voltage Sensor - 90A
3??8??0
logo
Maxim Integrated Produc...
MAX44298 MAXIM-MAX44298 Datasheet
552Kb / 16P
Current and Voltage Sense with Power Measurement
2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com