Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX49017 Datasheet (PDF) - Analog Devices

MAX49017 Datasheet PDF - Analog Devices
Part # MAX49017
Download  MAX49017 Download
File Size   728.53 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.7V, Dual microPower Comparator with Built-In Reference

MAX49017 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX49017 Datasheet PDF - Analog Devices

Part # MAX49017
Download  MAX49017 Click to download

File Size   728.53 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.7V, Dual microPower Comparator with Built-In Reference

MAX49017 Datasheet (HTML) - Analog Devices


MAX49017 Product details

Features
● Micropower Operating Current (Total 1.35μA (typ),
2.55μA (max)) Preserves Battery Power
● Internal Precision Reference Saves Space and Cost
of an External Reference
• < 1% at Room Temperature, < 2.5% over
Temperature Reference
● ±200mV (typ) Beyond-the-Rails Input Voltage Range
● Supply Voltage Range (1.7V to 5.5V) Allows
Operation from 1.8V, 2.5V, 3V, and 5V Supplies
● < 10μs Propagation Delay
● Push-Pull Output
● Tiny, 2mm x 2mm, 8-Pin Side-Wettable TDFN
Package with Exposed Pad Saves Board Space
● Enable Automotive Safety Integrity Level (ASIL)
Compliance
● AEC-Q100 Qualified, See Ordering Information for the
List of /V Parts




Similar Part No. - MAX49017

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX49017 MAXIM-MAX49017 Datasheet
735Kb / 18P
1.7V, Dual microPower Comparator with Built-In Reference
2020
MAX49017ATA/VY+T MAXIM-MAX49017ATA/VY+T Datasheet
735Kb / 18P
1.7V, Dual microPower Comparator with Built-In Reference
2020
More results


Similar Description - MAX49017

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
Micropower Voltage Reference with Comparator
February 23, 2011
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Maxim Integrated Produc...
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
Micropower Voltage Reference with Comparator
logo
Maxim Integrated Produc...
MAX49017 MAXIM-MAX49017 Datasheet
735Kb / 18P
1.7V, Dual microPower Comparator with Built-In Reference
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com