Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX97003EWP+ Datasheet (PDF) - Analog Devices

MAX97003EWP+ Datasheet PDF - Analog Devices
Part # MAX97003EWP+
Download  MAX97003EWP+ Download
File Size   4224.16 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Efficiency, Low-Noise Audio Subsystem

MAX97003EWP+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX97003EWP+ Datasheet PDF - Analog Devices

Part # MAX97003EWP+
Download  MAX97003EWP+ Click to download

File Size   4224.16 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Efficiency, Low-Noise Audio Subsystem

MAX97003EWP+ Datasheet (HTML) - Analog Devices


MAX97003EWP+ Product details

Features
S 2.7V to 5.5V Speaker Supply Voltage
S 1.8V Headphone Supply Voltage
S 1.0W Speaker Output (VPVDD = 4.2V, ZSPK = 8I +
68μH, 1% THD+N)
S 32mW/Channel Headphone Output (RHP = 32I)
S Active Emissions Limiting for Enhanced EMI
Reduction
S Efficient Class H Headphone Amplifier
S Ground-Referenced Headphone Outputs
S Headphone Ground Sense
S 2 Stereo Single-Ended/Mono Differential Inputs
S Integrated Expander/Noise Gate for Low Output
Noise
S Integrated DRC (Speaker Outputs)
S Integrated Distortion Limiter (Speaker Outputs)
S Extensive Click-and-Pop Reduction Circuitry
S TDMA Noise Free
S 2.0mm x 2.4mm, 20-Bump WLP Package (0.4mm
Pitch)




Similar Part No. - MAX97003EWP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97003EVKIT MAXIM-MAX97003EVKIT Datasheet
2Mb / 14P
2.7V to 5.5V Single-Supply Operation
19-6217; Rev 0; 2/12
MAX97003EVKIT# MAXIM-MAX97003EVKIT# Datasheet
2Mb / 14P
2.7V to 5.5V Single-Supply Operation
19-6217; Rev 0; 2/12
More results


Similar Description - MAX97003EWP+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
Audio Processor Subsystem
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Intersil Corporation
ISL99203 INTERSIL-ISL99203 Datasheet
406Kb / 17P
High Efficiency Audio Subsystem
December 17, 2009
logo
Maxim Integrated Produc...
MAX97003 MAXIM-MAX97003 Datasheet
4Mb / 48P
High-Efficiency, Low-Noise Audio Subsystem
Rev 0; 9/11
logo
Texas Instruments
LM49155 TI1-LM49155 Datasheet
222Kb / 8P
Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
logo
Wolfson Microelectronic...
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
Ultra Low Power Audio Subsystem
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
Ultra Low Power Audio Subsystem
logo
Texas Instruments
TLC320AD80 TI1-TLC320AD80 Datasheet
235Kb / 37P
Audio Processor Subsystem
logo
Renesas Technology Corp
ISL99203 RENESAS-ISL99203 Datasheet
1Mb / 16P
High Efficiency Audio Subsystem
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com