Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX97003 Datasheet (PDF) - Maxim Integrated Products

MAX97003 Datasheet PDF - Maxim Integrated Products
Part # MAX97003
Download  MAX97003 Download
File Size   4273.28 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Low-Noise Audio Subsystem

MAX97003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX97003 Datasheet PDF - Maxim Integrated Products

Part # MAX97003
Download  MAX97003 Click to download

File Size   4273.28 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Low-Noise Audio Subsystem

MAX97003 Datasheet (HTML) - Maxim Integrated Products


MAX97003 Product details

General Description
The MAX97003 audio subsystem combines a mono speaker amplifier with a stereo headphone amplifier. The headphone and speaker amplifiers have independent volume and on/off controls. The four inputs are configurable as two differential or four single-ended inputs.

Features
♦ 2.7V to 5.5V Speaker Supply Voltage
♦ 1.8V Headphone Supply Voltage
♦ 1.0W Speaker Output (VPVDD = 4.2V, ZSPK = 8I + 68µH, 1% THD+N)
♦ 32mW/Channel Headphone Output (RHP = 32I)
♦ Active Emissions Limiting for Enhanced EMI Reduction
♦ Efficient Class H Headphone Amplifier
♦ Ground-Referenced Headphone Outputs
♦ Headphone Ground Sense
♦ 2 Stereo Single-Ended/Mono Differential Inputs
♦ Integrated Expander/Noise Gate for Low Output Noise
♦ Integrated DRC (Speaker Outputs)
♦ Integrated Distortion Limiter (Speaker Outputs)
♦ Extensive Click-and-Pop Reduction Circuitry
♦ TDMA Noise Free
♦ 2.0mm x 2.4mm, 20-Bump WLP Package (0.4mm Pitch)

Applications
   Cell Phones
   Portable Media Players




Similar Part No. - MAX97003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97003 MAXIM-MAX97003 Datasheet
2Mb / 14P
2.7V to 5.5V Single-Supply Operation
19-6217; Rev 0; 2/12
logo
Analog Devices
MAX97003 AD-MAX97003 Datasheet
4Mb / 48P
High-Efficiency, Low-Noise Audio Subsystem
Rev 0 9/11
logo
Maxim Integrated Produc...
MAX97003EVKIT MAXIM-MAX97003EVKIT Datasheet
2Mb / 14P
2.7V to 5.5V Single-Supply Operation
19-6217; Rev 0; 2/12
MAX97003EVKIT# MAXIM-MAX97003EVKIT# Datasheet
2Mb / 14P
2.7V to 5.5V Single-Supply Operation
19-6217; Rev 0; 2/12
logo
Analog Devices
MAX97003EWP+ AD-MAX97003EWP+ Datasheet
4Mb / 48P
High-Efficiency, Low-Noise Audio Subsystem
Rev 0 9/11
More results


Similar Description - MAX97003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
Audio Processor Subsystem
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Intersil Corporation
ISL99203 INTERSIL-ISL99203 Datasheet
406Kb / 17P
High Efficiency Audio Subsystem
December 17, 2009
logo
Texas Instruments
LM49155 TI1-LM49155 Datasheet
222Kb / 8P
Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
logo
Wolfson Microelectronic...
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
Ultra Low Power Audio Subsystem
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
Ultra Low Power Audio Subsystem
logo
Texas Instruments
TLC320AD80 TI1-TLC320AD80 Datasheet
235Kb / 37P
Audio Processor Subsystem
LM49155 TI1-LM49155_15 Datasheet
724Kb / 10P
Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
logo
Renesas Technology Corp
ISL99203 RENESAS-ISL99203 Datasheet
1Mb / 16P
High Efficiency Audio Subsystem
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com