Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

118008 Datasheet (PDF) - Wera Tools

118008 Datasheet PDF - Wera Tools
Part # 118008
Download  118008 Download
File Size   434.41 Kbytes
Page   3 Pages
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools
Description 2035 Screwdriver for slotted screws for electronic applications, 0.40 x 2.5 x 80 mm

118008 Datasheet (PDF)

Go To PDF Page Download Datasheet
118008 Datasheet PDF - Wera Tools

Part # 118008
Download  118008 Click to download

File Size   434.41 Kbytes
Page   3 Pages
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools
Description 2035 Screwdriver for slotted screws for electronic applications, 0.40 x 2.5 x 80 mm

118008 Datasheet (HTML) - Wera Tools




Similar Part No. - 118008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11800 ETC-11800 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
logo
Heyco.
11800 HEYCO-11800 Datasheet
123Kb / 1P
Nylon Male/Female Threaded Hex Supports
logo
STEGO Elektrotechnik Gm...
11800.0-00 STEGO-11800.0-00 Datasheet
587Kb / 2P
FILTER FAN
20.03.2015
logo
CTS Corporation
1180026-XXX CTS-1180026-XXX Datasheet
145Kb / 4P
20.000 MHz OCXO Stratum 3E
logo
PHOENIX CONTACT
1180028 PHOENIX-1180028 Datasheet
483Kb / 9P
EV-T2G3C-1AC20A-4,0M2,5ESBK11 - AC charging cable
More results


Similar Description - 118008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
70011 ETC2-70011 Datasheet
146Kb / 1P
M3.5 x 12 taptite screws (Screws accept POZDRIV No. 2 screwdriver)
05117990001 ETC2-05117990001 Datasheet
10Mb / 1P
2035 Screwdriver for slotted screws
AFB0812SHB ETC2-AFB0812SHB Datasheet
238Kb / 1P
80 x 80 x 15 MM SERIES
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
80 x 80 x 38 MM SERIES
logo
Total Power Internation...
MSGWI06 TOTAL-POWER-MSGWI06 Datasheet
459Kb / 4P
Ultra compact SMD Package 22.0 x 20.3 x 10.2 mm (0.87 x 0.80 x 0.40 inches)
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
PHOENIX CONTACT
ASD-BIT-0 PHOENIX-ASD-BIT-0 Datasheet
48Kb / 2P
Tool bits for slotted-head screws
SZS-0 PHOENIX-SZS-0 Datasheet
65Kb / 3P
Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
List of Unclassifed Man...
05017005001 ETC-05017005001 Datasheet
487Kb / 3P
917 SPH Screwdriver for Phillips screws, PH 1 x 80 mm
23.03.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com