Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1084V Datasheet (PDF) - STMicroelectronics

LD1084V Datasheet PDF - STMicroelectronics
Part # LD1084V
Download  LD1084V Download
File Size   563.93 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED

LD1084V Datasheet (PDF)

Go To PDF Page Download Datasheet
LD1084V Datasheet PDF - STMicroelectronics

Part # LD1084V
Download  LD1084V Click to download

File Size   563.93 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED

LD1084V Datasheet (HTML) - STMicroelectronics


LD1084V Product details

DESCRIPTION
The LD1084 is a LOW DROP Voltage Regulator able to provide up to 5A of Output Current. Dropout is guaranteed at a maximum of 1.5V at the maximum output current, decreasing at lower loads. The LD1084 is pin to pin compatible with the older 3-terminal adjustable regulators, but has better performances in term of drop and output tolerance.

■ TYPICAL DROPOUT 1.3V (AT 5A)
■ THREE TERMINAL ADJUSTABLE OR FIXED OUTPUT VOLTAGE 1.5, 1.8V, 2.5V, 2.85V, 3.3V, 3.6V, 5V, 8V, 9V, 12V.
■ GUARANTEED OUTPUT CURRENT UP TO 5A
■ OUPUT TOLERANCE ±1% AT 25°C AND ±2% IN FULL TEMPERATURE RANGE
■ INTERNAL POWER AND THERMAL LIMIT
■ WIDE OPERATING TEMPERATURE RANGE  -40°C TO 125°C
■ PACKAGE AVAILABLE : TO-220, D2PAK, D2PAK/A
■ PINOUT COMPATIBILITY WITH STANDARD ADJUSTABLE VREG




Similar Part No. - LD1084V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1084V STMICROELECTRONICS-LD1084V Datasheet
781Kb / 19P
5 A low drop positive voltage regulator adjustable and fixed
08-Apr-2008
LD1084V12 STMICROELECTRONICS-LD1084V12 Datasheet
781Kb / 19P
5 A low drop positive voltage regulator adjustable and fixed
08-Apr-2008
LD1084V25 STMICROELECTRONICS-LD1084V25 Datasheet
781Kb / 19P
5 A low drop positive voltage regulator adjustable and fixed
08-Apr-2008
LD1084V50 STMICROELECTRONICS-LD1084V50 Datasheet
781Kb / 19P
5 A low drop positive voltage regulator adjustable and fixed
08-Apr-2008
More results


Similar Description - LD1084V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Oct-2002
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Jul-2002
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
1.5A Low drop positive voltage regulator adjustable and fixed
19-Jul-2007
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
5A Low drop positive voltage regulator adjustable and fixed
30-May-2007
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com