Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56 Datasheet (PDF) - Lumileds Lighting Company

DS56 Datasheet PDF - Lumileds Lighting Company
Part # DS56
Download  DS56 Download
File Size   1373.36 Kbytes
Page   33 Pages
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company
Description ultra-compact, surface-mount, high-power LED

DS56 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS56 Datasheet PDF - Lumileds Lighting Company

Part # DS56
Download  DS56 Click to download

File Size   1373.36 Kbytes
Page   33 Pages
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company
Description ultra-compact, surface-mount, high-power LED

DS56 Datasheet (HTML) - Lumileds Lighting Company


DS56 Product details

Introduction

LUXEON® Rebel is an ultracompact, surfacemount, highpower LED that delivers elevated standards for light output, flux density and manufacturability. Offering industryleading flux density, lumens per package and power handling capabilities, LUXEON Rebel enables you to create never before possible lighting applications and:



deliver more useable light and higher flux density

optimize applications to reduce size and cost

tightly pack the LEDs for color mixing applications

engineer more robust applications

utilize standard FR4 PCB technology

simplify manufacturing through the use of surface mount technology.



LUXEON Rebel Technology Leadership

150°C Junction Temperature Industry leading lumen perform ance, > 100 lumens in cool white at 350mA

350mA — 1000mA drive current

High efficacy, flux density and lumens per package

Industry best moisture sensitivity level—JEDEC Level 1 unlimited floor life  no need for reconditioning

Leadfree reflow solder JEDEC 020c compatible

RoHS Compliant

Autoclave compliant—JESD22 A102

Industry best lumen maintenance—50,000 hours life at 700 mA with 70% lumen maintenance

Electrically isolated thermal pad

Available in all colors.




Similar Part No. - DS56

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS56 DALLAS-DS56 Datasheet
95Kb / 6P
Dual Temperature Comparator
logo
Maxim Integrated Produc...
DS56 MAXIM-DS56 Datasheet
82Kb / 6P
Dual Temperature Comparator
102299
logo
Tyco Electronics
DS56-0001 MACOM-DS56-0001 Datasheet
113Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS56-0001 MA-COM-DS56-0001 Datasheet
88Kb / 4P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
logo
Tyco Electronics
DS56-0001-RTR MACOM-DS56-0001-RTR Datasheet
113Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
More results


Similar Description - DS56

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
logo
List of Unclassifed Man...
EESX1109 ETC-EESX1109 Datasheet
208Kb / 9P
Ultra-Compact Photomicrosensors with Surface-Mount Design
logo
STANLEY ELECTRIC CO.,LT...
UB1112H STANLEY-UB1112H Datasheet
73Kb / 6P
ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
logo
Inolux Corporation
IN-505FCHWV INOLUX-IN-505FCHWV Datasheet
3Mb / 12P
Inolux Surface Mount High Power LED
IN-3021PUV INOLUX-IN-3021PUV Datasheet
662Kb / 10P
Surface Mount High Power Ultraviolet LED
IN-3531ACUV INOLUX-IN-3531ACUV Datasheet
1Mb / 13P
Surface Mount High Power Ultraviolet LED
IN-5051SCUV INOLUX-IN-5051SCUV Datasheet
631Kb / 12P
Surface Mount High Power Ultraviolet LED
IN-5053PUV INOLUX-IN-5053PUV Datasheet
704Kb / 12P
Surface Mount High Power Ultraviolet LED
IN-7074GCUV INOLUX-IN-7074GCUV Datasheet
1Mb / 14P
Surface Mount High Power Ultraviolet LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com