Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE01013 Datasheet (PDF) - pro-elec

PE01013 Datasheet PDF - pro-elec
Part # PE01013
Download  PE01013 Download
File Size   223.89 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description IEC 60320 C7 to Free End 1m

PE01013 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE01013 Datasheet PDF - pro-elec

Part # PE01013
Download  PE01013 Click to download

File Size   223.89 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description IEC 60320 C7 to Free End 1m

PE01013 Datasheet (HTML) - pro-elec


PE01013 Product details

Description
Power Cord, IEC 60320 C7 to Free End, 3A, Black, 1m




Similar Part No. - PE01013

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PE01013 POLYMAKER-PE01013 Datasheet
142Kb / 2P
PolyLite™ ABS
Nov. 2018 Version 4.0
More results


Similar Description - PE01013

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2511 SCHURTER-2511 Datasheet
333Kb / 2P
Power Cord with IEC Connector C7, Angled
2514 SCHURTER-2514 Datasheet
317Kb / 2P
Power Cord with IEC Plug C7, Angled
logo
PowerDynamics, Inc
10080 POWERDYNAMICS-10080 Datasheet
55Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, RIGHT HANDED
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10092 POWERDYNAMICS-10092 Datasheet
54Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 1-15P TO IEC 60320 C7
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
CRC-1 POWERDYNAMICS-CRC-1 Datasheet
45Kb / 1P
IEC CONNECTOR RETAINING CLAMP FOR IEC 60320 C13
logo
Tripp Lite. All Rights ...
P016-000 TRIPPLITE-P016-000 Datasheet
159Kb / 2P
IEC C14 to IEC C7 Power Cord Adapter - 10A, 250V, Black
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com