Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS52 Datasheet (PDF) - Lumileds Lighting Company

DS52 Datasheet PDF - Lumileds Lighting Company
Part # DS52
Download  DS52 Download
File Size   250.32 Kbytes
Page   8 Pages
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company
Description power light source LUXEON짰 Portable PWT

DS52 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS52 Datasheet PDF - Lumileds Lighting Company

Part # DS52
Download  DS52 Click to download

File Size   250.32 Kbytes
Page   8 Pages
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company
Description power light source LUXEON짰 Portable PWT

DS52 Datasheet (HTML) - Lumileds Lighting Company


DS52 Product details

Introduction
LUXEON® Portable PWT1, is the smallest power LED designed for consumer applications. The new emitter generates 26 lumens at 350mA from a package size of only 2.0 x 1.6 x 0.7mm, providing market-leading light output for its size along with a 2,000-hour life and uniform white light produced by Lumileds’ patented conformal coating process. LUXEON Portable PWT1 is roughly 75% smaller than other LEDs with similar light output and delivers 4.5 times the lumens/mm2. This enables designs with smaller optics, smaller form factors and less weight than ever before. The nearly perfect lambertian radiation pattern enables efficient optical designs. Surface-mount capability allows for simplified manufacturing and it offers the toughest electrostatic discharge (ESD) protection in the industry with an 8kV ESD protection chip.

Features
♦ Lifetime of 2000 hrs
♦ 2mm in size
♦ Color temperature of 6500K
♦ Advanced protection against electrostatic discharge (ESD)
♦ Instant turn on time
♦ High efficacy

Typical Applications
♦ Ideally suited to portable lighting and lighting for consumer products




Similar Part No. - DS52

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0001 MACOM-DS52-0001 Datasheet
185Kb / 2P
Low Cost Two-Way SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0001 MA-COM-DS52-0001 Datasheet
116Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
logo
Tyco Electronics
DS52-0001-RTR MACOM-DS52-0001-RTR Datasheet
185Kb / 2P
Low Cost Two-Way SMT Power Divider 824-960 MHz
DS52-0001-TR MACOM-DS52-0001-TR Datasheet
185Kb / 2P
Low Cost Two-Way SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0001SAM MA-COM-DS52-0001SAM Datasheet
116Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
More results


Similar Description - DS52

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
LUXEON짰 Power Light Sources
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
power light source LUXEON짰 Flash Module
DS49 LUMILEDS-DS49 Datasheet
404Kb / 11P
power light source LUXEON짰 Flash
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
power light source LUXEON짰 Warm White Emitter and Star
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
power light source LUXEON짰 III Star
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
power light source LUXEON짰 III Emitter
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
power light source LUXEON짰 V Portable
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
power light source LUXEON짰 Collimator
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
power light source LUXEON짰 Emitter
LXCL-EL05 LUMILEDS-LXCL-EL05 Datasheet
1Mb / 17P
Power Light Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com