Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F29H85XDM3 Datasheet (PDF) - Texas Instruments

F29H85XDM3 Datasheet PDF - Texas Instruments
Part # F29H85XDM3
Download  F29H85XDM3 Download
File Size   11990.99 Kbytes
Page   357 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description F29H85x, F29P58x, and F29P32x Real-Time Microcontrollers

F29H85XDM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
F29H85XDM3 Datasheet PDF - Texas Instruments

Part # F29H85XDM3
Download  F29H85XDM3 Click to download

File Size   11990.99 Kbytes
Page   357 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description F29H85x, F29P58x, and F29P32x Real-Time Microcontrollers

F29H85XDM3 Datasheet (HTML) - Texas Instruments


F29H85XDM3 Product details

1 Features
Real-time Processing
• Three C29x 64-bit CPUs (CPU1, CPU2, CPU3)
running at 200MHz
– 2x signal chain performance versus C28x with
improved pipeline
– Split lock and lockstep operating modes
• C29x CPU architecture
– Byte addressability
– High-performance real-time control with low
latency
– High-performance DSP and general-purpose
processing capabilities
– VLIW CPU executes 1 to 8 instructions in
parallel
– Fully protected pipeline
– 8/16/32/64-bit single-cycle memory operations,
up to two 64-bit memory reads and one 64-bit
memory write in a single-cycle
– IEEE 32-bit and 64-bit floating operations
– 32-bit and 64-bit trigonometric operations
– HW interrupt prioritization and nesting
– 11-cycle real-time interrupt response
– Atomic operations with memory protection
– Multi safe island code execution managed in
hardware
Memory
• 4MB of CPU-mappable flash (ECC-protected)
capable of supporting Firmware Over the Air
(FOTA) with A/B swap and LFU
• 256KB of Data-only Flash (ECC-protected)
• 452KB of RAM (ECC-protected)
• Dedicated 512KB Flash and 40KB RAM memories
for HSM (ECC-protected)
• Built in ECC logic for system-wide safety
Safety Peripherals
• CPU1 and CPU2 lockstep
– CPU1 and CPU2 splitlock mode is also
available (for applications not needing
functional safety or using methods like
Reciprocal Comparison with multiple CPUs)
• Logic Power-On Self-Test (LPOST)
• Memory Power-On Self-Test (MPOST)
• Error Signaling Module (ESM)
• Dual-clock Comparator (DCC)
• Waveform Analyzer and Diagnostics (WADI)
• Context-sensitive Memory and Peripheral
Protection with SSU
• Safety Interconnect (SIC)
• Functional Safety-Compliant targeted
– Developed for functional safety applications
– Documentation to aid ISO 26262 and IEC
61508 system design will be available upon
production release
– Systematic capability up to ASIL D and SIL 3
targeted
– Hardware capability up to ASIL D and SIL 3
targeted
• Safety-related certification
– ISO 26262 certification up to ASIL D and IEC
61508 SIL 3 by TÜV SÜD planned
Security
• Hardware Security Module (HSM)
– Independently running Arm® Cortex®-M4 based
security controller subsystem at 100MHz
– 512KB of flash (ECC-protected)
– 36KB of RAM (ECC-protected)
– Secure key storage
– Secure BOOT
– Secure Debug
– Dedicated 8-channel Real-Time Direct Memory
Access (RTDMA) controller
– EVITA-full support
– FOTA with A/B swap
– Hardware cryptographic accelerators
• Asymmetric cryptography - RSA, ECC, SM2
• Symmetric cryptography - AES, SM4
• Hash operations - SHA2, HMAC, SM3
• True Random Number Generator
• Safety and Security Unit (SSU)
– Advanced Real-Time Safety and Security
• 64 Memory Access Protection Ranges per
CPU
• Up to 15 user LINKs and 7 stack pointers
per CPU for hardware code isolation
• Power-on Self-test (POST) capability
• FOTA and LFU support with rollback control
Analog Subsystem
• Five Analog-to-Digital Converters (ADCs)
– Two 16-bit ADCs, 1.19MSPS each
– Three 12-bit ADCs, 3.92MSPS each
– Up to 80 single-ended or 16 differential inputs
– 40 redundant input channels for flexibility
– Separate sample-and-hold (S/H) on each ADC
for simultaneous sampling
– Hardware post-processing of conversions
– Hardware oversampling (up to 128x) and
undersampling modes, with accumulation,
averaging and outlier rejection
– Programmable delay from SOC trigger to start
of conversion
– Ten ADC Safety Checkers for comparison
of conversion results across multiple ADC
modules
• 12 windowed comparators with 12-bit Digital-to-
Analog Converter (DAC) references
– Connection options for internal temperature
sensor and ADC reference
• Two 12-bit buffered DAC outputs
Control Peripherals
• 36 Pulse Width Modulator (PWM) channels, all
with high-resolution capability (HRPWM)
– Minimum Dead-Band Logic (MINDB)
– Illegal Combo Logic (ICL) for standard and high
resolution
– Diode Emulation (DE) support
– Multilevel shadowing on XCMP
• Six Enhanced Capture (eCAP) modules
– High-resolution Capture (HRCAP) available on
two of the six eCAP modules
– Two new monitor units for edge, pulse width
and period that can be coupled with ePWM
strobes and trip events
– Increased 256 multiplexed capture inputs
– New ADC SOC generation capability
• Six Enhanced Quadrature Encoder Pulse (eQEP)
modules
• 16 Sigma-Delta Filter Module (SDFM) input
channels, 2 independent filters per channel
• Embedded Pattern Generator (EPG)
• Configurable Logic Block (CLB)
– Six tiles
– Augments existing peripheral capability
– Supports position manager solutions
Communications Peripherals
• EtherCAT® SubordinateDevice (or SubDevice)
Controller (ESC)
• Fast Serial Interface (FSI) with four transmitters
and four receivers
• Five high-speed (up to 50MHz) SPI ports (pinbootable)
• Six High-Speed Universal Asynchronous Receiver/
Transmitters (UARTs) (pin-bootable)
• Two I2C interfaces (pin-bootable)
• Two Local Interconnect Network (LIN) (supports
SCI)
• Power-Management Bus (PMBus) interface
(supports I2C)
• Six Single Edge Nibble Transmission interface
(SENT)
• Six Controller Area Networks with Flexible Data
Rate (CAN FD/MCAN) (pin-bootable)
Systems Peripherals
• External Memory Interface (EMIF) with ASRAM
and SDRAM support
• Two 10-channel Real-Time Direct Memory Access
(RTDMA) controllers with MPU
• Up to 190 usable signal pins
– 136 General-Purpose Input/Output (GPIO) pins
– 80 analog pins (26 AGPIOs included in GPIOs)
– 5V fail-safe and tolerant capability on 6 GPIOs
for PMBUS/I2C/SENT support
• Peripheral Interrupt Priority and Expansion (PIPE)
• Low-power mode (LPM) support
• Embedded Real-time Analysis and Diagnostic
(ERAD)
Clock and System Control
• On-chip crystal oscillator
• Windowed watchdog timer module
• Missing clock detection circuitry
• 1.25V core, 3.3V I/O design
– Internal VREG for 1.25V generation
– Brownout reset (BOR) circuit
Package Options:
• Lead-free, green packaging
• 256-ball New Fine Pitch Ball Grid Array (nFBGA)
[ZEX suffix], 13mm x 13mm/0.8mm pitch
• 176-pin Thermally Enhanced Thin Quad Flatpack
(HTQFP) [PTS suffix], 22mm x 22mm/0.4mm pitch
• 144-pin HTQFP [RFS suffix],
18mm x 18mm/0.4mm pitch
• 100-pin HTQFP [PZS suffix],
14mm x 14mm/0.4mm pitch
Recommended TPS653860-Q1 and TPS650366-Q1
Power Management ICs (PMIC)
• Companion PMICs specially designed to meet
device power supply requirements
• Flexible mapping and factory programmed
configurations to support different use cases
• Functional safety compliant PMICs to support
external voltage monitoring and watchdog timer
MCU safety requirements
Temperature
• Ambient (TA): –40°C to 125°C

2 Applications
• On-board charger (OBC) with or without Host
Integration
• HEV/EV DC/DC converter
• HEV/EV powertrain integration
• Electric power steering (EPS)
• Traction Inverter
• HVAC large commercial motor control
• Automated sorting equipment
• CNC control
• Central inverter
• String inverter
• Inverter & motor control
• Linear motor segment controller
• Servo drive control module
• Industrial AC-DC
• Three phase UPS
• Merchant network and server PSU

3 Description
The F29H85x, F29P58x, and F29P32x are members of the C2000™ real-time microcontroller family of scalable,
ultra-low latency MCUs designed for efficiency in power electronics, motor control, and beyond, including but not
limited to: high power density, high switching frequencies, and supporting the use of GaN and SiC technologies.
The F29 product families feature the next-generation C29 CPU core, leading the industry with 2x performance
from the previous-generation C28 CPU core. The C29 core also supports byte-addressing, with data types fully
compatible with other popular CPU architectures, including the Arm® architecture, enabling a smooth migration
for customers looking to go to market quickly. For more information, see The C29 CPU – Unrivaled Real-Time
Performance with Optimized Architecture on C2000™ MCUs technical white paper.
These include such applications as:
• HEV/EV powertrain – helping enable single-stage OBC architectures
– On-board chargers
– DC/DC converters
– Integrated powertrain
• Safety and chassis applications:
– Electric power steering
– Braking
• Motor control
– Traction inverter motor control – enabling advanced and sophisticated control techniques to improve
traction system efficiency
– HVAC motor control
– Mobile robot motor control
• Solar inverters
– Central inverter
– Micro inverter
– String inverter
• Digital power
• Industrial motor drives
• EV charging infrastructure
The real-time control subsystem has up to three 200MHz C29x CPU cores (400MIPS per core, up to 1200MIPS
on F29H85x). Due to the C29 CPU architecture and tightly coupled peripherals (PWM, ADC, CMPSS), we see
better performance with a 200MHz C29 core versus our competition running at higher CPU clock speed for
certain applications – backed by customer benchmarks.
Many features are included to support a system-level ASIL D functional safety solution. The C29x CPU1
and CPU2 cores can be put in lockstep for detection of permanent and transient faults. Logic Power-On
Self-Test (LPOST) and Memory Power-On Self-Test (MPOST) provide start-up detection of latent faults. Safe
interconnects provide fault detection between the CPU and the peripherals. The ADC safety checker compares
ADC conversion results from multiple ADC modules without additional CPU cycles. The Waveform Analyzer and
Diagnostic (WADI) can monitor multiple signals for proper operation and take action to make sure a safe state is
maintained. The device architecture features a Safe Interconnect (SIC) for end-to-end code and data safety, with
CPU-based ECC protection for all memories and peripheral endpoints.




Similar Part No. - F29H85XDM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F29H85XDM3 TI2-F29H85XDM3 Datasheet
11Mb / 361P
F29H85x, F29P58x, and F29P32x Real-Time Microcontrollers
REVISED JUNE 2026
F29H85XDM3 TI2-F29H85XDM3 Datasheet
11Mb / 365P
F29H85x, F29P58x, and F29P32x Real-Time Microcontrollers
REVISED JUNE 2026
F29H85XDM3 TI2-F29H85XDM3 Datasheet
11Mb / 366P
F29H85x, F29P58x, and F29P32x Real-Time Microcontrollers
REVISED SEPTEMBER 2026
F29H85XDM3 TI2-F29H85XDM3 Datasheet
11Mb / 366P
F29H85x, F29P58x, and F29P32x Real-Time Microcontrollers
REVISED SEPTEMBER 2026
F29H85XDM3 TI2-F29H85XDM3 Datasheet
11Mb / 367P
F29H85x, F29P58x, and F29P32x Real-Time Microcontrollers
More results


Similar Description - F29H85XDM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280025 TI-TMS320F280025_V02 Datasheet
5Mb / 198P
TMS320F28002x Real-Time Microcontrollers
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V05 Datasheet
6Mb / 255P
TMS320F28003x Real-Time Microcontrollers
REVISED MARCH 2022
TMS320F2800157-Q1 TI1-TMS320F2800157-Q1 Datasheet
4Mb / 227P
TMS320F280015x Real-Time Microcontrollers
JANUARY 2023
TMS320F2800137 TI-TMS320F2800137_V02 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
TMS320F2800157-Q1 TI-TMS320F2800157-Q1_V01 Datasheet
5Mb / 232P
TMS320F280015x Real-Time Microcontrollers
REVISED JULY 2023
TMS320F2800157-Q1 TI1-TMS320F2800157-Q1_V02 Datasheet
5Mb / 234P
TMS320F280015x Real-Time Microcontrollers
REVISED JULY 2023
TMS320F2800137 TI-TMS320F2800137_V07 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V08 Datasheet
5Mb / 219P
TMS320F280013x Real-Time Microcontrollers
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com