Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD33C Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

ASD33C Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # ASD33C
Download  ASD33C Download
File Size   2015.57 Kbytes
Page   7 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 1-Line Bi-directional TVS Diode

ASD33C Datasheet (PDF)

Go To PDF Page Download Datasheet
ASD33C Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # ASD33C
Download  ASD33C Click to download

File Size   2015.57 Kbytes
Page   7 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 1-Line Bi-directional TVS Diode

ASD33C Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


ASD33C Product details

Description
The ASDXXC is designed to replace multilayer varistors
(MLVs) in portable applications such as cell phones,
notebook computers and PDA’s, using monolithic silicon
technology to provide fast response time and ultra low
ESD clamping voltage, making this device an ideal solution for protecting sensitive semiconductor components
from damage. The ASDXXC complies with the IEC 61000
-4-2 (ESD) with ±30kV air and ±30kV contact discharge.
The ASDXXC is assembled into a lead-free SOD-323
package and will protect one unidirectional line. These
devices will fit on the same PCB pad area as an 0805
MLV device.

Features
 500W peak pulse power (8/20μs)
 Protects one data or power line
 Ultra low leakage: nA level
 Operating voltage: 3.3V,5V, 8V, 12V, 15V, 24V,
36V, 40V
 Ultra low clamping voltage
 Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
 RoHS Compliant

Applications
 Cellular Handsets and Accessories
 Personal Digital Assistants
 Notebooks and Handhelds
 Portable Instrumentation
 Peripherals
 Pagers Peripherals
 Desktop and Servers




Similar Part No. - ASD33C

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASD33C APMICRO-ASD33C Datasheet
766Kb / 7P
1-Line Bi-directional TVS Diode
More results


Similar Description - ASD33C

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com