Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98306 Datasheet (PDF) - Analog Devices

MAX98306 Datasheet PDF - Analog Devices
Part # MAX98306
Download  MAX98306 Download
File Size   850.75 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo 3.7W Class D Amplifier

MAX98306 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98306 Datasheet PDF - Analog Devices

Part # MAX98306
Download  MAX98306 Click to download

File Size   850.75 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo 3.7W Class D Amplifier

MAX98306 Datasheet (HTML) - Analog Devices


MAX98306 Product details

Features
●● Output Power 3.7W at 3Ω, 10% THD, 1.7W at 8Ω,
10% THD, with 5V Supply
●● Passes EMI Limit Unfiltered with Up to 12in of
Speaker Cable
●● High 83dB PSRR at 217Hz
●● Spread-Spectrum Modulation and Active
Emissions Limiting
●● Five Pin-Selectable Gains
●● Excellent Click-and-Pop Suppression
●● Thermal and Overcurrent Protection
●● Low-Current Shutdown Mode
●● Space-Saving, 3mm x 3mm x 0.75mm,
14-Pin TDFN




Similar Part No. - MAX98306

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98306 MAXIM-MAX98306 Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
MAX98306 MAXIM-MAX98306 Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier
Rev 1; 8/11
MAX98306 MAXIM-MAX98306 Datasheet
1Mb / 7P
2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
MAX98306ETD MAXIM-MAX98306ETD Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
MAX98306ETD+ MAXIM-MAX98306ETD+ Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier
Rev 1; 8/11
More results


Similar Description - MAX98306

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
Class-D Stereo Power Amplifier Controller
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
Class-D Stereo Power Amplifier Controller
logo
Maxim Integrated Produc...
MAX98306 MAXIM-MAX98306 Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
MAX98306_1108 MAXIM-MAX98306_1108 Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier
Rev 1; 8/11
logo
Anpec Electronics Corop...
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
20W Stereo Digital Class-D Amplifier
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
20W Stereo Class-D Audio Amplifier
logo
Infineon Technologies A...
MA5332MS INFINEON-MA5332MS Datasheet
3Mb / 60P
200W Stereo, Integrated Class D Amplifier
V 2.0 9/24/2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com