Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98309 Datasheet (PDF) - Analog Devices

MAX98309 Datasheet PDF - Analog Devices
Part # MAX98309
Download  MAX98309 Download
File Size   2740.1 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono 1.4W Class AB Audio Amplifiers

MAX98309 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98309 Datasheet PDF - Analog Devices

Part # MAX98309
Download  MAX98309 Click to download

File Size   2740.1 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono 1.4W Class AB Audio Amplifiers

MAX98309 Datasheet (HTML) - Analog Devices


MAX98309 Product details

Features
S Enhances System Performance
 Differential Input Improves Noise Immunity
 Industry-Leading Click-and-Pop Suppression
 High 90dB PSRR (fIN = 217Hz)
S Smaller Solution Size
 1mm x 1mm WLP Footprint
S Extends Battery Life
 Low Quiescent Current
S Delivers Robust System Design
 Thermal Overload Protection
 Short-Circuit Protection
S 1.2mA Supply Current (VDD = 3.7V)
S 750mW into 8I (VDD = 3.7V)
S 2.5V to 5.5V Supply Operation
S Pin-Selectable, Internally-Fixed Gain (MAX98310)
S 1.8V Logic-Compatible SHDN Input




Similar Part No. - MAX98309

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98309 MAXIM-MAX98309 Datasheet
2Mb / 14P
Mono 1.4W Class AB Audio Amplifiers 2.5V to 5.5V Supply Operation
Rev 0; 7/11
MAX98309 MAXIM-MAX98309 Datasheet
1Mb / 8P
2.5V to 5.5V Single-Supply Operation
19-5979; Rev 0; 7/11
MAX98309EVKIT MAXIM-MAX98309EVKIT Datasheet
1Mb / 8P
2.5V to 5.5V Single-Supply Operation
19-5979; Rev 0; 7/11
MAX98309EVKIT# MAXIM-MAX98309EVKIT# Datasheet
1Mb / 8P
2.5V to 5.5V Single-Supply Operation
19-5979; Rev 0; 7/11
MAX98309EWL MAXIM-MAX98309EWL Datasheet
2Mb / 14P
Mono 1.4W Class AB Audio Amplifiers 2.5V to 5.5V Supply Operation
Rev 0; 7/11
More results


Similar Description - MAX98309

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
logo
Analog Devices
SSM2301 AD-SSM2301_01 Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX98309 MAXIM-MAX98309 Datasheet
2Mb / 14P
Mono 1.4W Class AB Audio Amplifiers 2.5V to 5.5V Supply Operation
Rev 0; 7/11
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
AiT Semiconductor Inc.
A2203A AITSEMI-A2203A Datasheet
2Mb / 16P
CLASS AB 1W DIFFERENTIAL AUDIO POWER AMPLIFIERS
REV1.0
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com