Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98358ETE+ Datasheet (PDF) - Analog Devices

MAX98358ETE+ Datasheet PDF - Analog Devices
Part # MAX98358ETE+
Download  MAX98358ETE+ Download
File Size   1871.31 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PDM Input Class D Audio Power Amplifier

MAX98358ETE+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98358ETE+ Datasheet PDF - Analog Devices

Part # MAX98358ETE+
Download  MAX98358ETE+ Click to download

File Size   1871.31 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PDM Input Class D Audio Power Amplifier

MAX98358ETE+ Datasheet (HTML) - Analog Devices


MAX98358ETE+ Product details

Features
●● Single-Supply Operation (2.5V to 5.5V)
●● 3.2W Output Power into 4Ω at 5V
●● 1.8mA Quiescent Current (VDD = 3.7V)
●● 92% Efficiency (RL = 8Ω, POUT = 1.5W)
●● 29μVRMS Output Noise (AV = 6dB)
●● Low 0.013% THD+N at 1kHz
●● Supported PDM_CLK Rates of 1.84MHz–4.32MHz
and 5.28MHz–8.64MHz
●● Supports Left, Right, or Left/2 + Right/2 Outputs
●● Sophisticated Edge Rate Control Enables Filterless
Class D Outputs
●● 77dB PSRR at 217Hz
●● Low RF Susceptibility Rejects TDMA
Noise from GSM Radios
●● Extensive Click-and-Pop Reduction Circuitry
●● Robust Short-Circuit and Thermal Protection
●● Available in Space-Saving Packages:
1.345mm x 1.435mm WLP (0.4mm Pitch)
3mm x 3mm TQFN




Similar Part No. - MAX98358ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98358ETE+ MAXIM-MAX98358ETE+ Datasheet
1Mb / 28P
PDM Input Class D Audio Power Amplifier
19-7734; Rev 4; 3/20
More results


Similar Description - MAX98358ETE+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
Class-D Audio Power Amplifier
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
Class-D Audio Power Amplifier
5/07-Revision 0
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
NXP Semiconductors
TFA9881 NXP-TFA9881 Datasheet
380Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 1-5 January 2011
TFA9881_1104 PHILIPS-TFA9881_1104 Datasheet
408Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 2-1 April 2011
logo
Maxim Integrated Produc...
MAX98356 MAXIM-MAX98356 Datasheet
3Mb / 22P
PDM Input Class D Audio Power Amplifier
Rev 0; 5/12
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
logo
NXP Semiconductors
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
logo
Analog Devices
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
9/11-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX98358ETE MAXIM-MAX98358ETE Datasheet
1Mb / 28P
PDM Input Class D Audio Power Amplifier
19-7734; Rev 4; 3/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com