Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1990 Datasheet (PDF) - Analog Devices

AD1990 Datasheet PDF - Analog Devices
Part # AD1990
Download  AD1990 Download
File Size   389.76 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Class-D Audio Power Amplifier

AD1990 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1990 Datasheet PDF - Analog Devices

Part # AD1990
Download  AD1990 Click to download

File Size   389.76 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Class-D Audio Power Amplifier

AD1990 Datasheet (HTML) - Analog Devices


AD1990 Product details

GENERAL DESCRIPTION
The AD199x is a two channel Bridge Tied Load (BTL) switching audio power amplifier with integrated ∑∆ modulator. The modulator accepts a 1Vrms input signal (maximum power) and generates a switching waveform to drive speakers directly.

FEATURES
    Integrated Stereo Modulator & Power Stage
    0.005% THD+N
    101.5dB Dynamic Range
    PSRR > 65 dB
    RDS-ON < 0.3 Ω (per transistor)
    Efficiency > 80% @ 5W/6 Ω
    EMI Optimized Modulator
    On-Off-Mute Pop Noise Suppression
    Short Circuit Protection
    Over-Temperature Protection
    Low Cost DMOS Process

APPLICATIONS
    Flat Panel Televisions
    Automotive Amplifiers
    PC Audio Systems
    Mini Components




Similar Part No. - AD1990

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
AD1990ACPZ AD-AD1990ACPZ Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
AD1990ACPZRL AD-AD1990ACPZRL Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
AD1990ACPZRL7 AD-AD1990ACPZRL7 Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
More results


Similar Description - AD1990

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
Class-D Audio Power Amplifier
5/07-Revision 0
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
Class-D Audio Power Amplifier
5/07-Revision 0
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
Class-D Audio Power Amplifier
REV. A
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
Class D Audio Power Amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
Class-D Audio Power Amplifier
May, 2013
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
Class-D Audio power Amplifier
May, 2013
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
Class D audio power amplifier
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com