Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1990 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1990
Description  Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990 Datasheet(HTML) 4 Page - Analog Devices

  AD1990 Datasheet HTML 1Page - Analog Devices AD1990 Datasheet HTML 2Page - Analog Devices AD1990 Datasheet HTML 3Page - Analog Devices AD1990 Datasheet HTML 4Page - Analog Devices AD1990 Datasheet HTML 5Page - Analog Devices AD1990 Datasheet HTML 6Page - Analog Devices AD1990 Datasheet HTML 7Page - Analog Devices AD1990 Datasheet HTML 8Page - Analog Devices AD1990 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD199x
Preliminary Technical Data
Rev. PrA – 1/20/05 | Page 4 of 16
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
POWER SUPPLIES
Supply Voltage AVDD
4.5
5
5.5
V
Supply Voltage DVDD
4.5
5
5.5
V
Supply Voltage PVDDX
6.5
8-20
22.5
V
Powerdown Current
RST/PDN held low
AVDD
0.1
0.5
µA
DVDD
0.1
0.5
µA
PVDDX
19
25
µA
Mute Current
MUTE held low
AVDD
19
mA
DVDD
2.7
mA
PVDD
1.5
mA
Quiesent Current
Inputs Grounded, Non-Overlap Time = TBD
AVDD
20
mA
DVDD
5.2
mA
PVDDX
3.2
mA
Operating Current
VIN = 1VRMS, PO = 5 W
AVDD
22
mA
DVDD
5.8
mA
PVDD
4
A
per FET
DIGITAL I/O
Input Voltage High
2.0
DVDD
V
Input Voltage Low
0.8
V
Output Voltage High
DVDD-0.8
V
@ 2 mA
Output Voltage Low
0.4
V
@ 2 mA
Leakage Current on Digital Inputs
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com