Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO517 Datasheet (PDF) - STMicroelectronics

LDO517 Datasheet PDF - STMicroelectronics
Part # LDO517
Download  LDO517 Download
File Size   50.2 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IP Library: Wide Range ESR Capacitor, Low Noise, 100mA Low Dropout Voltage Regulator

LDO517 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDO517 Datasheet PDF - STMicroelectronics

Part # LDO517
Download  LDO517 Click to download

File Size   50.2 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IP Library: Wide Range ESR Capacitor, Low Noise, 100mA Low Dropout Voltage Regulator

LDO517 Datasheet (HTML) - STMicroelectronics


LDO517 Product details

IP Library: Wide Range ESR Capacitor, Low Noise, 100mA Low Dropout Voltage Regulator

■ AnyESR REGULATOR
■ VERY COMMON OUTPUT DECOUPLING CERAMIC CAPACITOR
■ LOW CONSUMPTION : 250µA FULL LOAD
■ VERY LOW NOISE : 30µV
■ VERY LOW DROPOUT VOLTAGE : 50mV
■ HIGH PSRR : 60dB
■ STANDBY AND POWER DOWN MODE
■ NO CURRENT IN POWER DOWN MODE
■ SHORT CIRCUIT PROTECTION

TYPICAL APPLICATIONS
– Cellular and Cordless phones supplied by 1 cell Lithium-ion battery / 3 cells Ni-MH or Ni-Cd battery
– PDA (Personal Digital Assistant),
– Smart phone
– Portable equipment
– Supply for RF devices for cellular phone




Similar Part No. - LDO517

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDO51 STMICROELECTRONICS-LDO51 Datasheet
204Kb / 4P
IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator
Jun-2002
LDO512 STMICROELECTRONICS-LDO512 Datasheet
269Kb / 6P
IP Library: Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
Jun-2002
LDO513 STMICROELECTRONICS-LDO513 Datasheet
98Kb / 4P
IP Library: Power Supply Range 2.9V to 13V, Low Power, 50mA Low Dropout Voltage Regulator
Jun-2002
LDO514 STMICROELECTRONICS-LDO514 Datasheet
164Kb / 4P
IP Library: High PSRR, Very Low power, 200mA Low Dropout Voltage Regulator
Jun-2002
LDO518 STMICROELECTRONICS-LDO518 Datasheet
105Kb / 4P
IP Library: Low Noise, High PSRR 100mA Low Dropout Voltage Regulator
Jun-2002
More results


Similar Description - LDO517

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDO51 STMICROELECTRONICS-LDO51 Datasheet
204Kb / 4P
IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator
Jun-2002
LDO514 STMICROELECTRONICS-LDO514 Datasheet
164Kb / 4P
IP Library: High PSRR, Very Low power, 200mA Low Dropout Voltage Regulator
Jun-2002
LDO518 STMICROELECTRONICS-LDO518 Datasheet
105Kb / 4P
IP Library: Low Noise, High PSRR 100mA Low Dropout Voltage Regulator
Jun-2002
LDO52 STMICROELECTRONICS-LDO52 Datasheet
48Kb / 4P
IP Library: High PSRR, Low Power, 70mA Low Dropout Voltage Regulator
Jun-2002
LDO58 STMICROELECTRONICS-LDO58 Datasheet
106Kb / 4P
IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
Jun-2002
LDO59 STMICROELECTRONICS-LDO59 Datasheet
95Kb / 4P
IP Library: Ultra Low Noise, High PSRR, Low Power, 20mA Low Dropout Voltage Regulator
Jun-2002
LDOC515 STMICROELECTRONICS-LDOC515 Datasheet
24Kb / 4P
IP Library: Very Low power, Very High PSRR 100mA Low Dropout Voltage Regulator
Jun-2002
LDOC516 STMICROELECTRONICS-LDOC516 Datasheet
24Kb / 4P
IP Library: High PSRR, Low Power, 100mA Low Dropout Voltage Regulator
Jun-2002
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS Datasheet
140Kb / 5P
Low ESR Capacitor, 1A Low Dropout Voltage Regulator
BD90C0AFPS ROHM-BD90C0AFPS Datasheet
141Kb / 5P
Low ESR Capacitor, 1A Low Dropout Voltage Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com