Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

936780-2 Datasheet (PDF) - TE Connectivity Ltd

936780-2 Datasheet PDF - TE Connectivity Ltd
Part # 936780-2
Download  936780-2 Download
File Size   2627.26 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Housing for Female Terminals, Wire-to-Wire, 6 Position, .157 in [4mm] Centerline, Sealable, Black, Wire & Cable, Signal, MQS

936780-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
936780-2 Datasheet PDF - TE Connectivity Ltd

Part # 936780-2
Download  936780-2 Click to download

File Size   2627.26 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Housing for Female Terminals, Wire-to-Wire, 6 Position, .157 in [4mm] Centerline, Sealable, Black, Wire & Cable, Signal, MQS

936780-2 Datasheet (HTML) - TE Connectivity Ltd


936780-2 Product details

Features
Product Type Features
Mixed & Hybrid Connector No
Connector Shape Rectangular
Connector System Wire-to-Wire
Connector & Housing Type Housing for Female Terminals
Sealable Yes
Connector & Contact Terminates To Wire & Cable
Primary Locking Feature On the Terminal
Configuration Features
Number of Positions 6
Number of Rows 2
Body Features
Cable Exit Angle 180°
Primary Product Color Black
Connector & Keying Code A




Similar Part No. - 936780-2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9367 BELDEN-9367 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9367-0601000 BELDEN-9367-0601000 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9367-0602500 BELDEN-9367-0602500 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9367-060500 BELDEN-9367-060500 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9367-0605000 BELDEN-9367-0605000 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
More results


Similar Description - 936780-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0496270682 MOLEX6-0496270682 Datasheet
103Kb / 2P
4.20mm (.165") Wire-to-Wire Lower TPA??for Female Housing, 6 Circuits
49627-0682 MOLEX11-49627-0682 Datasheet
38Kb / 1P
4.20mm Wire-to-Wire Lower TPA for Female Housing, 6 Circuits
logo
Adam Technologies, Inc.
DMH-XX ADAM-TECH-DMH-XX Datasheet
139Kb / 1P
WIRE TO WIRE CONNECTOR HOUSING FEMALE
logo
TE Connectivity Ltd
1-178128-4 TEC-1-178128-4 Datasheet
288Kb / 5P
Housing, Receptacle, Wire-to-Board, 4 Position, 5.08 mm [.2 in] Centerline, Crimp, 1 Row, Black, Mating Retention, Wire & Cable, Dynamic 3000 Series
09/30/2022
3-1318120-3 TEC-3-1318120-3 Datasheet
175Kb / 4P
Housing, Receptacle, Wire-to-Board, 3 Position, 2.5 mm [.098 in] Centerline, Crimp, 1 Row, Black, Mating Retention, Wire & Cable, Dynamic 2000 Series
09/30/2022
353908-9 TEC-353908-9 Datasheet
219Kb / 5P
Housing, Receptacle, Wire-to-Wire / Wire-to-Board / Wire-to-Panel, 9 Position, 1.5 mm [.059 in] Centerline, Crimp, 1 Row, White, AMP Mini CT
09/30/2022
965665-1 TEC-965665-1 Datasheet
167Kb / 4P
Housing for Female Terminals, Wire-to-Wire, 2 Position, .338 in [8.6 mm] Centerline, Black, Signal, Cable Mount (Free-Hanging), Standard Power Timer
09/30/2022
962189-1 TEC-962189-1 Datasheet
161Kb / 5P
Housing for Female Terminals, Wire-to-Board / Wire-to-Device, 8 Position, .236 in [6 mm] Centerline, Black, Wire & Cable, Power, Junior Timer
12/14/2022
2822343-1 TEC-2822343-1 Datasheet
293Kb / 5P
Housing for Female Terminals, Wire-to-Wire, 7 Position, .079 in [2 mm] Centerline, Sealable, Green, Power, Multilock Connector System
12/19/2022
1-1318114-3 TEC-1-1318114-3 Datasheet
200Kb / 4P
Housing, Housing for Male Terminals, Wire-to-Wire, 6 Position .098 in [2.5 mm] Centerline, Crimp, 2 Row, Black, Mating Retention, Dynamic 2000 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com