Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB155 Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

DB155 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # DB155
Download  DB155 Download
File Size   488.8 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description BRIDGE RECTIFIERBRIDGE

DB155 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB155 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # DB155
Download  DB155 Click to download

File Size   488.8 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description BRIDGE RECTIFIERBRIDGE

DB155 Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


DB155 Product details

Features
●Glass passivated junction
●The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
●Suge overload ratings to 50 amperes peak
●Ideal for printed circuit board application
●High temperature soldering guaranteed 265℃/10
seconds at 5 lbs(2.3kg)tension




Similar Part No. - DB155

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB155 RECTRON-DB155 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB155 DCCOM-DB155 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
DB155 FORMOSA-DB155 Datasheet
34Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
DB155 FORMOSA-DB155 Datasheet
62Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB155 BILIN-DB155 Datasheet
69Kb / 2P
SILICON BRIDGE RECTIFIERS
More results


Similar Description - DB155

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7267BP TOSHIBA-TA7267BP Datasheet
357Kb / 9P
BRIDGE DRIVER
logo
List of Unclassifed Man...
PV100 ETC1-PV100 Datasheet
46Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE BRIDGE
logo
Powersem GmbH
PSD150F12 POWERSEM-PSD150F12 Datasheet
395Kb / 1P
Three Phase RECTIFIERBRIDGE
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
Half-bridge and full-bridge topologies
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
Half-bridge and full-bridge topologies
IRFH7085PBF IRF-IRFH7085PBF_15 Datasheet
508Kb / 11P
Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRL60S216 INFINEON-IRL60S216 Datasheet
722Kb / 12P
Half-bridge and full-bridge topologies
2016-1-19
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Infineon Technologies A...
IRFH7084PBF INFINEON-IRFH7084PBF Datasheet
753Kb / 12P
Half-bridge and full-bridge topologies
2017-01-24
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com