Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98361 Datasheet (PDF) - Analog Devices

MAX98361 Datasheet PDF - Analog Devices
Part # MAX98361
Download  MAX98361 Download
File Size   1486.67 Kbytes
Page   43 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny, Cost-Effective, Plug-and-Play Digital Class-D Amplifier

MAX98361 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98361 Datasheet PDF - Analog Devices

Part # MAX98361
Download  MAX98361 Click to download

File Size   1486.67 Kbytes
Page   43 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny, Cost-Effective, Plug-and-Play Digital Class-D Amplifier

MAX98361 Datasheet (HTML) - Analog Devices


MAX98361 Product details

Features
● Simple Plug-and-Play Design
● Single-Supply Operation (2.5V to 5.5V)
● 3.2W Output Power into 4Ω at 5V
● 2.2mA Quiescent Current
● 1ms Turn-On Time (for MAX98361A and
MAX98361B)
● 92% Efficiency (RL = 8Ω, THD+N = 10%)
● 10μVRMS Output Noise
● 110dB Dynamic Range
● Low 0.009% THD+N at 1kHz
● No MCLK Required
● Sample Rates of 8kHz to 96kHz
● Supports Left, Right, or (Left/2 + Right/2) Output in I2S
and Left-Justified Modes
● Sophisticated Edge Rate Control Enables Filterless
Class-D Outputs
● 81dB PSRR at 217Hz
● 1.5μA Standby Current Allows Elimination of GPIO for
EN Pin
● Low RF Susceptibility Rejects TDMA Noise from GSM
Radios
● Class-D Switching Frequency Trimmed to 5% for
Better EMI Planning
● Extensive Click-and-Pop Reduction Circuitry
● Robust Short-Circuit and Thermal Protection
● Available in Space-Saving Package: 9-Pin WLP
(0.4mm Pitch)
● 3.69mm2 Solution Size for WLP With A Single Bypass
Capacitor




Similar Part No. - MAX98361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX98360A AD-MAX98360A Datasheet
1Mb / 43P
Tiny, Cost-Effective, Plug-and-Play Digital Class-D Amplifier
Rev 3 10/23
MAX98360AEFB+ AD-MAX98360AEFB+ Datasheet
1Mb / 43P
Tiny, Cost-Effective, Plug-and-Play Digital Class-D Amplifier
Rev 3 10/23
MAX98360AEFB+T AD-MAX98360AEFB+T Datasheet
1Mb / 43P
Tiny, Cost-Effective, Plug-and-Play Digital Class-D Amplifier
Rev 3 10/23
MAX98360AENL+ AD-MAX98360AENL+ Datasheet
1Mb / 43P
Tiny, Cost-Effective, Plug-and-Play Digital Class-D Amplifier
Rev 3 10/23
MAX98360AENL+T AD-MAX98360AENL+T Datasheet
1Mb / 43P
Tiny, Cost-Effective, Plug-and-Play Digital Class-D Amplifier
Rev 3 10/23
More results


Similar Description - MAX98361

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS10M0G56-A0 MURATA-CSTLS10M0G56-A0 Datasheet
193Kb / 3P
cost-effective and reliable availability
CSTLS3M52G53-B0 MURATA-CSTLS3M52G53-B0 Datasheet
190Kb / 3P
cost-effective and reliable availability
CSTLS3M84G53-A0 MURATA-CSTLS3M84G53-A0 Datasheet
192Kb / 3P
cost-effective and reliable availability
CSTLS4M00G53-A0 MURATA-CSTLS4M00G53-A0 Datasheet
192Kb / 3P
cost-effective and reliable availability
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
cost-effective and reliable availability
CSTLS4M09G56-B0 MURATA-CSTLS4M09G56-B0 Datasheet
193Kb / 3P
cost-effective and reliable availability
CSTLS5M00G53-A0 MURATA-CSTLS5M00G53-A0 Datasheet
190Kb / 3P
cost-effective and reliable availability
CSTLS5M00G53Z-B0 MURATA-CSTLS5M00G53Z-B0 Datasheet
186Kb / 3P
cost-effective and reliable availability
logo
Maxim Integrated Produc...
MAX98357A MAXIM-MAX98357A_V01 Datasheet
4Mb / 38P
Tiny, Low-Cost, PCM Class D Amplifier with Class AB Performance
2019
logo
Analog Devices
MAX98363 AD-MAX98363 Datasheet
3Mb / 55P
Tiny, Cost-Effective, SoundWire, Class D Amplifier
19-101593; Rev 0; 12/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com