Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98380 Datasheet (PDF) - Analog Devices

MAX98380 Datasheet PDF - Analog Devices
Part # MAX98380
Download  MAX98380 Download
File Size   2282.8 Kbytes
Page   81 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Boosted, Digital Input Class-D Amplifier

MAX98380 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98380 Datasheet PDF - Analog Devices

Part # MAX98380
Download  MAX98380 Click to download

File Size   2282.8 Kbytes
Page   81 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Boosted, Digital Input Class-D Amplifier

MAX98380 Datasheet (HTML) - Analog Devices


MAX98380 Product details

Features
● Integrated Capacitive Boost Converter—No Bulky
Inductors
● 3.6W Output Power into 6Ω at VBAT = 3.7V
● 10mW Total Quiescent Power
● 3ms Turn-On Time
● 80% Efficiency (1.0W into RL = 8Ω, VBAT = 3.7V)
● 19.8μVRMS Speaker Mode Output Noise
● 16.5μVRMS Receiver Mode Output Noise
● Low 0.005% THD+N at 1kHz
● No MCLK Required
● Sample Rates of 8kHz to 192kHz
● Supports Left, Right, or (Left/2 + Right/2) Output in I2S
and Left-Justified Modes
● Sophisticated Edge Rate Control Enables Filterless
Class-D Outputs
● Low RF Susceptibility Rejects TDMA Noise from GSM
Radios
● Class-D Switching Frequency Trimmed to 10% for
Better EMI Planning
● Extensive Click-and-Pop Reduction Circuitry
● Dynamic Headroom Tracking (DHT)
● Robust Short-Circuit and Thermal Protection
● Available in Space-Saving Package: 1.468mm x
2.138mm, 24-Bump WLP (0.35mm Pitch)




Similar Part No. - MAX98380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX98388 AD-MAX98388 Datasheet
3Mb / 88P
Digital Input Class-D Amplifier with IV Feedback and Brownout Protection
Rev 0; 3/23
MAX98388EWE+ AD-MAX98388EWE+ Datasheet
3Mb / 88P
Digital Input Class-D Amplifier with IV Feedback and Brownout Protection
Rev 0; 3/23
MAX98388EWE+T AD-MAX98388EWE+T Datasheet
3Mb / 88P
Digital Input Class-D Amplifier with IV Feedback and Brownout Protection
Rev 0; 3/23
MAX98389 AD-MAX98389 Datasheet
3Mb / 88P
Digital Input Class-D Amplifier with IV Feedback and Brownout Protection
Rev 0; 3/23
MAX98389EWE+ AD-MAX98389EWE+ Datasheet
3Mb / 88P
Digital Input Class-D Amplifier with IV Feedback and Brownout Protection
Rev 0; 3/23
More results


Similar Description - MAX98380

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2510 EUTECH-EUA2510 Datasheet
157Kb / 1P
2.7W Boosted Class-D Audio Power Amplifier
logo
Rohm
BU7839GVW ROHM-BU7839GVW_10 Datasheet
392Kb / 16P
Digital Input Class-D Headphone Amplifier
logo
Sanyo Semicon Device
LV4904V SANYO-LV4904V Datasheet
455Kb / 25P
Digital Input Class-D Power Amplifier
logo
Texas Instruments
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
logo
ON Semiconductor
LV4904 ONSEMI-LV4904 Datasheet
333Kb / 25P
Digital Input Class-D Power Amplifier
May, 2013
LV4904V ONSEMI-LV4904V Datasheet
333Kb / 25P
Digital Input Class-D Power Amplifier
May, 2013
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
Digital Input Class D Speaker Amplifier
Rev 0; 3/15
MAX98390 MAXIM-MAX98390 Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
19-100540; Rev 3; 7/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com