Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98502 Datasheet (PDF) - Analog Devices

MAX98502 Datasheet PDF - Analog Devices
Part # MAX98502
Download  MAX98502 Download
File Size   2498.13 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Boosted 2.2W Class D Amplifier with Automatic Level Control

MAX98502 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98502 Datasheet PDF - Analog Devices

Part # MAX98502
Download  MAX98502 Click to download

File Size   2498.13 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Boosted 2.2W Class D Amplifier with Automatic Level Control

MAX98502 Datasheet (HTML) - Analog Devices


MAX98502 Product details

Features
S Boosted Class D Output
S Integrated Automatic Level Control
S Output Power
2.2W into 8I, 10% THD+N
1.7W into 8I, 1% THD+N
4.1W into 4I, 10% THD+N
3.4W into 4I, 1% THD+N
S Wide 2.5V to 5.5V Supply Voltage Range
S Undervoltage Lockout Protection
S High Total Efficiency of 87%
S High Step-Up Switching Frequency (2MHz)
S Active Emission Limiting for Low EMI




Similar Part No. - MAX98502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98502 MAXIM-MAX98502 Datasheet
2Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
Rev 0; 12/11
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX98502EVKIT# MAXIM-MAX98502EVKIT# Datasheet
1Mb / 7P
2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
More results


Similar Description - MAX98502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX98500 MAXIM-MAX98500 Datasheet
1Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
19-5189; Rev 0; 5/10
MAX98502 MAXIM-MAX98502 Datasheet
2Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
Rev 0; 12/11
logo
Texas Instruments
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
logo
Fangtek Ltd.
FT2045 FANGTEK-FT2045 Datasheet
1Mb / 22P
3W Class-D Audio Power Amplifier with Automatic Level Control
FT2128 FANGTEK-FT2128 Datasheet
1Mb / 23P
3.4W Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
FT2920 FANGTEK-FT2920 Datasheet
1Mb / 28P
8W Boosted Class-G Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
logo
Cirrus Logic
CS35L41 CIRRUS-CS35L41 Datasheet
371Kb / 2P
11 Volt Boosted Class D Audio Amplifier with DSP
logo
Maxim Integrated Produc...
MAX98390 MAXIM-MAX98390 Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
19-100540; Rev 3; 7/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com