Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PG12864LRU Datasheet (PDF) - Powertip Technology

PG12864LRU Datasheet PDF - Powertip Technology
Part # PG12864LRU
Download  PG12864LRU Download
File Size   235.72 Kbytes
Page   32 Pages
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology
Description LCD Module

PG12864LRU Datasheet (PDF)

Go To PDF Page Download Datasheet
PG12864LRU Datasheet PDF - Powertip Technology

Part # PG12864LRU
Download  PG12864LRU Click to download

File Size   235.72 Kbytes
Page   32 Pages
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology
Description LCD Module

PG12864LRU Datasheet (HTML) - Powertip Technology


PG12864LRU Product details

Features
• Full dot-matrix structure with 128 dots *64 dots
• 1/64 Duty, 1/9 bias
• STN LCD, positive
• Transflective LCD, Yellow Green type
• 6 o’clock viewing angle
• 8 bits parallel data input , using 80-family MPU Interface
• LED edge type Backlight

Mechanical Specifications
• Outline dimension : 80.0mm(L)*54.0mm(W)*10.2mm (H)
• Viewing area : 73.6mm *41.0mm
• Active area : 66.52mm *33.24mm
• Dot size : 0.48mm * 0.48mm
• Dot pitch : 0.52mm * 0.52mm




Similar Part No. - PG12864LRU

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PG12864LRS-ANN-B POWERTIP-PG12864LRS-ANN-B Datasheet
183Kb / 13P
LCD Module(128 dots X 64 dots, STN LCD, Built-in negative voltage and LED Backlight)
PG12864LRS-HNN-B POWERTIP-PG12864LRS-HNN-B Datasheet
179Kb / 13P
LCD Module(128 dots X 64 dots, STN LCD, Built-in negative voltage and LED Backlight)
PG12864LRS-JNN-B POWERTIP-PG12864LRS-JNN-B Datasheet
189Kb / 14P
LCD Module(128 dots X 64 dots, STN LCD, LED Backlight)
More results


Similar Description - PG12864LRU

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
LCD MODULE
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
LCD Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com