Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ25005 Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

KBJ25005 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # KBJ25005
Download  KBJ25005 Download
File Size   663.72 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 25.0 A50 to 1000 V GLASS PASSIVATED BRIDGE RECTIFIERS

KBJ25005 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ25005 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # KBJ25005
Download  KBJ25005 Click to download

File Size   663.72 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 25.0 A50 to 1000 V GLASS PASSIVATED BRIDGE RECTIFIERS

KBJ25005 Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


KBJ25005 Product details

FEATURES
●Rating to 1000V PRV
●Ideal for printed circuit board
●Low forward voltage drop,high current capability
●Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
●The plastic material has UL flammability
classification 94V-0
●Weight: 0.151 ounces , 4.27 grams

MAXIMUM RATINGS AND
ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise
specified.Single phase, half wave ,60Hz, resistive or inductive
load.For capacitive load, derate current by 20%




Similar Part No. - KBJ25005

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ25005 RFE-KBJ25005 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Semiconducto...
KBJ25005 CHENDA-KBJ25005 Datasheet
977Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBJ25005 DGNJDZ-KBJ25005 Datasheet
123Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ25005 YFWDIODE-KBJ25005 Datasheet
479Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ25005 ZSELEC-KBJ25005 Datasheet
96Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - KBJ25005

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS25P01G TSC-TS25P01G Datasheet
48Kb / 2P
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
RA251GP MCC-RA251GP Datasheet
121Kb / 2P
25.0 Amp Glass passivated Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
TS25P01G TSC-TS25P01G_1 Datasheet
115Kb / 2P
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
25.0 AMP Glass Passivated Bridge Rectifiers
GBJ25005 SECOS-GBJ25005 Datasheet
286Kb / 2P
25.0 AMP Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS25P01G TSC-TS25P01G_09 Datasheet
338Kb / 2P
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBP4005G SECOS-GBP4005G Datasheet
364Kb / 2P
VOLTAGE 50 ~ 1000 V, 4.0AMP Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS25P01G TSC-TS25P01G_11 Datasheet
140Kb / 2P
Single Phase 25.0 Amps. Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
RA251GP MCC-RA251GP_08 Datasheet
109Kb / 3P
25.0 Amp Glass passivated Rectifier 50 to 1000 Volts
logo
Thinki Semiconductor Co...
GBJ25005 THINKISEMI-GBJ25005 Datasheet
422Kb / 2P
25.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com