Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0007 Datasheet (PDF) - Proto Advantage SMD Adapter

IPC0007 Datasheet PDF - Proto Advantage SMD Adapter
Part # IPC0007
Download  IPC0007 Download
File Size   45.97 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description QFN-16 to DIP-20 SMT Adapter (0.65 mm pitch, 4 x 4 mm body)

IPC0007 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPC0007 Datasheet PDF - Proto Advantage SMD Adapter

Part # IPC0007
Download  IPC0007 Click to download

File Size   45.97 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description QFN-16 to DIP-20 SMT Adapter (0.65 mm pitch, 4 x 4 mm body)

IPC0007 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - IPC0007

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0001 PROTOADVANTAGE-IPC0001 Datasheet
42Kb / 2P
QFN-8 to DIP-8 SMT Adapter (0.4 mm pitch, 1.4 x 1.2 mm body)
revision 1.1
IPC0002 PROTOADVANTAGE-IPC0002 Datasheet
45Kb / 2P
QFN-8 to DIP-12 SMT Adapter (0.65 mm pitch, 3 x 3 mm body)
revision 1.0
IPC0003 PROTOADVANTAGE-IPC0003 Datasheet
46Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0004 PROTOADVANTAGE-IPC0004 Datasheet
45Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0005 PROTOADVANTAGE-IPC0005 Datasheet
46Kb / 2P
QFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
revision 1.0
More results


Similar Description - IPC0007

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
GREATECS
STA GREATECS-STA Datasheet
167Kb / 1P
4 x 3 mm Miniature SMT Tactile Switches
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
20-Pin 3x3 mm QFN package
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Eaton All Rights Reserv...
HTB EATON-HTB Datasheet
341Kb / 2P
1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
APG0603RWF-TT-5MAV TO-GRACE-APG0603RWF-TT-5MAV Datasheet
766Kb / 4P
0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPGF-0606GBRC-120 TO-GRACE-KPGF-0606GBRC-120 Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
logo
EHAOAN.
EH-C201KSKT EHAOAN-EH-C201KSKT Datasheet
1Mb / 8P
Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com