Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1322 Datasheet (PDF) - Zetex Semiconductors

ZXLD1322 Datasheet PDF - Zetex Semiconductors
Part # ZXLD1322
Download  ZXLD1322 Download
File Size   359.12 Kbytes
Page   18 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Buck/boost mode DC-DC converter for LED driving with 700mA output and current control

ZXLD1322 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1322 Datasheet PDF - Zetex Semiconductors

Part # ZXLD1322
Download  ZXLD1322 Click to download

File Size   359.12 Kbytes
Page   18 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Buck/boost mode DC-DC converter for LED driving with 700mA output and current control

ZXLD1322 Datasheet (HTML) - Zetex Semiconductors


ZXLD1322 Product details

Description

The ZXLD1322 is an inductive DC-DC converter, with an internal switch, designed for driving single or multiple LEDs in series up to a total of 700mA output current.



Features

• 2.5V to 15V Input Voltage Range

• Up to 700mA output current

• Typical efficiency# >80%

• User-defined thermal control of LED output current using external thermistor

• High output current stability over input voltage and temperature

• 12µA typical standby current

• LED current adjustable from 100% down to 2%

• Adjustable Soft-Start

• Capable of driving 3 LEDs in series



Applications

• High power LED flashlights

• LED back-up lighting

• General LED lighting



 




Similar Part No. - ZXLD1322

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
BUCK/BOOST MODE DC-DC CONVERTER
Rev 3
ZXLD1322DCCTC DIODES-ZXLD1322DCCTC Datasheet
279Kb / 17P
BUCK/BOOST MODE DC-DC CONVERTER
Rev 3
More results


Similar Description - ZXLD1322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1321 ZETEX-ZXLD1321 Datasheet
470Kb / 20P
Boost mode DC-DC converter for LED driving with 1A output and current control
ZXLD1320 ZETEX-ZXLD1320 Datasheet
376Kb / 18P
Buck mode DC-DC converter for LED driving with 1.5A output and current control
logo
Diodes Incorporated
ZXLD1320 DIODES-ZXLD1320 Datasheet
384Kb / 18P
Buck mode DC-DC converter for LED driving
JANUARY 2008
ZXLD1321 DIODES-ZXLD1321 Datasheet
468Kb / 20P
Boost mode DC-DC converter for LED driving with 1A
JANUARY 2008
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
BUCK/BOOST MODE DC-DC CONVERTER
Rev 3
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
05/20-REV.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com