Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS84L Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

SS84L Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # SS84L
Download  SS84L Download
File Size   532.99 Kbytes
Page   3 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS84L Datasheet (PDF)

Go To PDF Page Download Datasheet
SS84L Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # SS84L
Download  SS84L Click to download

File Size   532.99 Kbytes
Page   3 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS84L Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


SS84L Product details

FEATURES
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds at terminals

MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.007 ounce, 0.25 grams




Similar Part No. - SS84L

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS84 FRONTIER-SS84 Datasheet
125Kb / 2P
8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS84 LUGUANG-SS84 Datasheet
315Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Formosa MS
SS84 FORMOSA-SS84 Datasheet
122Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS84 CHENDA-SS84 Datasheet
868Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS84 DGNJDZ-SS84 Datasheet
665Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results


Similar Description - SS84L

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS10100HE-AU PANJIT-SS10100HE-AU Datasheet
150Kb / 5P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
November 3,2017-REV.06
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com