Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1AF Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

US1AF Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # US1AF
Download  US1AF Download
File Size   325.64 Kbytes
Page   3 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SURFACE MOUNT HIGH EFFICIENCY RECTIFIER

US1AF Datasheet (PDF)

Go To PDF Page Download Datasheet
US1AF Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # US1AF
Download  US1AF Click to download

File Size   325.64 Kbytes
Page   3 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description SURFACE MOUNT HIGH EFFICIENCY RECTIFIER

US1AF Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


US1AF Product details

FEATURES
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Ultra fast switching for high efficiency
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed
250 C/10 seconds at terminals

MECHANICAL DATA
Case: JEDEC SMAF molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.0018 ounce, 0.064 grams




Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AF PANJIT-US1AF Datasheet
285Kb / 5P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Gaomi Xinghe Electronic...
US1AL GXELECTRONICS-US1AL Datasheet
483Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
DHE1A CHENDA-DHE1A Datasheet
547Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A Datasheet
158Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
US3A YIXIN-US3A Datasheet
156Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
SOD1H1 CHENDA-SOD1H1_V01 Datasheet
1Mb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
U1A FS-U1A Datasheet
111Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
SH9 RECTRON-SH9 Datasheet
219Kb / 7P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com