Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2537 Datasheet (PDF) - Analog Devices

SSM2537 Datasheet PDF - Analog Devices
Part # SSM2537
Download  SSM2537 Download
File Size   331.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier

SSM2537 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2537 Datasheet PDF - Analog Devices

Part # SSM2537
Download  SSM2537 Click to download

File Size   331.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier

SSM2537 Datasheet (HTML) - Analog Devices


SSM2537 Product details

FEATURES
Filterless digital Class-D amplifier
Pulse density modulation (PDM) digital input interface
2.7 W into 4 Ω load and 1.4 W into 8 Ω load at 5.0 V supply with <1% total harmonic distortion plus noise (THD + N)
Available in 9-ball, 1.2 mm × 1.2 mm, 0.4 mm pitch WLCSP
93% efficiency into 8 Ω at full scale
Output noise: 25 μV rms at 3.6 V, A-weighted
THD + N: 0.005% at 1 kHz, 100 mW output power
PSRR: 80 dB at 217 Hz, with dither input
Quiescent power consumption: 5.1 mW (VDD = 1.8 V, PVDD = 3.6 V, 8 Ω + 33 μH load)
Pop-and-click suppression
Configurable with PDM pattern inputs
Short-circuit and thermal protection with autorecovery
Smart power-down when PDM stop condition or no clock input detected
64 × fS or 128 × fS operation supporting 3 MHz and 6 MHz clocks
DC blocking high-pass filter and static input dc protection
User-selectable ultralow EMI emissions and low latency modes
Power-on reset (POR)
Minimal external passive components




Similar Part No. - SSM2537

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2537 AD-SSM2537 Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2537ACBZ-R7 AD-SSM2537ACBZ-R7 Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
More results


Similar Description - SSM2537

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM Datasheet
233Kb / 13P
2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TFA9881 NXP-TFA9881 Datasheet
380Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 1-5 January 2011
TFA9881_1104 PHILIPS-TFA9881_1104 Datasheet
408Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 2-1 April 2011
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
logo
NXP Semiconductors
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
9/11-Rev. A to Rev. B
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
Digital Input, Mono 2 W, Class-D Audio Power Amplifier
7/12-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com