Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3525-MIPI Datasheet (PDF) - Analog Devices

SSM3525-MIPI Datasheet PDF - Analog Devices
Part # SSM3525-MIPI
Download  SSM3525-MIPI Download
File Size   100.39 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 W, Filterless, Class D, Output Sensing Audio Amplifier with SoundWire

SSM3525-MIPI Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3525-MIPI Datasheet PDF - Analog Devices

Part # SSM3525-MIPI
Download  SSM3525-MIPI Click to download

File Size   100.39 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 W, Filterless, Class D, Output Sensing Audio Amplifier with SoundWire

SSM3525-MIPI Datasheet (HTML) - Analog Devices


SSM3525-MIPI Product details

FEATURES
Meets MIPI Alliance SoundWire Specification Version 1.1 Clocking, audio data and control handled over 2-wire interface SoundWire interface support at 1.2 V or 1.8 V Filterless digital input, mono Class D amplifier with Σ-Δ
modulation
4.5 V to 17 V operation, such as a 2-cell or 3-cell battery
Input/output supply operation from 1.1 V to 1.90 V 30.2 W output power, 17 V supply and 4 Ω load at 1% THD + N 37.5 μV rms noise, 107 dB A weighted SNR Supports sample rates from 8 kHz to 192 kHz Flexible digital and analog gain adjustment AGC with battery voltage-based limiter 74 dB SNR on output current sensing and 85 dB SNR on voltage sensing
6.63 mA quiescent current at 12 V PVDD supply Temperature sensor with 1°C readout Short-circuit, thermal protection, and thermal warning
23-ball, 2.26 mm × 2.38 mm, 0.4 mm pitch WLCSP




Similar Part No. - SSM3525-MIPI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM3525 AD-SSM3525 Datasheet
934Kb / 60P
30 W, Filterless, Class D, Output Sensing Audio Amplifier
5/2018-Rev. 0 to Rev. A
SSM3525BCBZRL AD-SSM3525BCBZRL Datasheet
934Kb / 60P
30 W, Filterless, Class D, Output Sensing Audio Amplifier
5/2018-Rev. 0 to Rev. A
More results


Similar Description - SSM3525-MIPI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
2 W Filterless Class-D Stereo Audio Amplifier
7/06-Revision 0
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
logo
Analog Devices
SSM3525 AD-SSM3525 Datasheet
934Kb / 60P
30 W, Filterless, Class D, Output Sensing Audio Amplifier
5/2018-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com