Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ Datasheet (PDF) - Analog Devices

SSM3582ACPZ Datasheet PDF - Analog Devices
Part # SSM3582ACPZ
Download  SSM3582ACPZ Download
File Size   975.86 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier

SSM3582ACPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3582ACPZ Datasheet PDF - Analog Devices

Part # SSM3582ACPZ
Download  SSM3582ACPZ Click to download

File Size   975.86 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier

SSM3582ACPZ Datasheet (HTML) - Analog Devices


SSM3582ACPZ Product details

FEATURES
Digital input stereo, high efficiency Class-D amplifier
Operates from a single 4.5 V to 16.5 V supply
State-of-the-art, proprietary, filterless Σ-Δ modulation
106.5 dB SNR at PO = 8.1 W, RL = 8 Ω, AV = 19 dB, PVDD = 12 V, A weighted
0.004% THD + N at 5 W into 8 Ω
38.5 μV rms output voltage noise, f = 20 Hz to 20 kHz, A weighted, PVDD = 16 V, 8 Ω
Pop and clickless on and off sequence
2× 14.67 W output at 12 V supply to 4 Ω loads at <1% THD + N
2× 14.4 W output at 16 V supply to 8 Ω loads at <1% THD + N
Mono mode for increased maximum output power
1× 49.69 W output at 16 V supply to 2 Ω loads at <1% THD + N
Support for low impedance loads
As low as 3 Ω/5 μH in stereo mode
As low as 2 Ω/5 μH in mono mode
High power efficiency
93.8% efficiency into an 8 Ω load
90.6% efficiency into a 4 Ω load
12.34 mA quiescent current with single 12 V PVDD supply
Single-supply operation with internal LDOs or option to use an external 5 V and 1.8 V supply for lowest power consumption
I2C control and hardware modes with up to 16 pin-selectable slots/addresses
Supported sample rates from 8 kHz to 192 kHz with 24-bit resolution
Multiple PCM audio serial data formats
TDM slave with support for up to 16 devices on a single bus
I2S or left justified slave
Adjustable full-scale output tailored for many PVDD sources
2- and 3-cell Li-Ion batteries
Digital volume control with selectable smooth ramp
Automatic power-down function
Supply monitoring automatic gain control (AGC) function reduces system brownout
Standalone operational mode without I2C
Temperature sensor with 1°C step readout via I2C
Short-circuit, undervoltage, and thermal protection
Thermal early warning
Power-on reset
PVDD sensing ADC
40-lead, 6 mm × 6 mm LFCSP with thermal pad




Similar Part No. - SSM3582ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM3582 AD-SSM3582 Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
SSM3582BCPZ AD-SSM3582BCPZ Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
SSM3582BCPZR7 AD-SSM3582BCPZR7 Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
SSM3582BCPZRL AD-SSM3582BCPZRL Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
More results


Similar Description - SSM3582ACPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
2 W Filterless Class-D Stereo Audio Amplifier
7/06-Revision 0
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
31 W, Filterless, Class-D Digital Input Audio Amplifier
REV. 0
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
1/2018-Rev. A to Rev. B
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
2 횞10 W Filterless Class-D Stereo Audio Amplifier
5/13-Rev. 0 to Rev. A
SSM3582 AD-SSM3582 Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com