Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY62136VLL-55BAI Datasheet (PDF) - Cypress Semiconductor

CY62136VLL-55BAI Datasheet PDF - Cypress Semiconductor
Part # CY62136VLL-55BAI
Download  CY62136VLL-55BAI Download
File Size   357.28 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2-Mbit (128K x 16) Static RAM

CY62136VLL-55BAI Datasheet (PDF)

Go To PDF Page Download Datasheet
CY62136VLL-55BAI Datasheet PDF - Cypress Semiconductor

Part # CY62136VLL-55BAI
Download  CY62136VLL-55BAI Click to download

File Size   357.28 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2-Mbit (128K x 16) Static RAM

CY62136VLL-55BAI Datasheet (HTML) - Cypress Semiconductor


CY62136VLL-55BAI Product details

Functional Description[1]

The CY62136V is a high-performance CMOS static RAM organized as 128K words by 16 bits. This device features advanced circuit design to provide ultra-low active current.

This is ideal for providing More Battery Life™ (MoBL®) in portable applications such as cellular telephones. The device also has an automatic power-down feature that significantly reduces power consumption by 99% when addresses are not toggling. The device can also be put into standby mode when deselected (CE HIGH). The input/output pins (I/O0 through I/O 15) are placed in a high-impedance state when: deselected (CE HIGH), outputs are disabled (OE HIGH), BHE and BLE are disabled (BHE, BLE HIGH), or during a write operation (CE LOW, and WE LOW).



Features

• High speed

   — 55 ns

• Temperature Ranges

   — Industrial: –40°C to 85°C

   — Automotive: –40°C to 125°C

• Wide voltage range

   — 2.7V – 3.6V

• Ultra-low active, standby power

• Easy memory expansion with CE and OE features

• TTL-compatible inputs and outputs

• Automatic power-down when deselected

• CMOS for optimum speed/power

• Available in a Pb-free and non Pb-free 44-pin TSOP

   Type II (forward pinout) and 48-ball FBGA packages



 




Similar Part No. - CY62136VLL-55BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136VLL-55BAI CYPRESS-CY62136VLL-55BAI Datasheet
218Kb / 12P
128K x 16 Static RAM
More results


Similar Description - CY62136VLL-55BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
2-Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
2 Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
2-Mbit (128K x 16) Static RAM
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
2-Mbit (128K x 16) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com