Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDD49K0BH Datasheet (PDF) - Potens Semiconductor Corp.

PDD49K0BH Datasheet PDF - Potens Semiconductor Corp.
Part # PDD49K0BH
Download  PDD49K0BH Download
File Size   1259.86 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 40V N-Channel MOSFETs

PDD49K0BH Datasheet (PDF)

Go To PDF Page Download Datasheet
PDD49K0BH Datasheet PDF - Potens Semiconductor Corp.

Part # PDD49K0BH
Download  PDD49K0BH Click to download

File Size   1259.86 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 40V N-Channel MOSFETs

PDD49K0BH Datasheet (HTML) - Potens Semiconductor Corp.


PDD49K0BH Product details

Features
- 40V,110A, RDS(ON) =3.3mΩ @VGS = 10V
- Improved dv/dt capability
- Fast switching
- Green Device Available
- Power Tools

Applications
- Motor Drive
- LED Lighting




Similar Part No. - PDD49K0BH

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDD4903 POTENS-PDD4903 Datasheet
776Kb / 5P
40V P-Channel MOSFETs
Ver.1.03
PDD4904 POTENS-PDD4904 Datasheet
1Mb / 6P
40V N-Channel MOSFETs
Ver.1.01
PDD4906 POTENS-PDD4906 Datasheet
982Kb / 5P
40V N-Channel MOSFETs
Ver.1.02
PDD4909 POTENS-PDD4909 Datasheet
1Mb / 6P
40V P-Channel MOSFETs
Ver.1.02
PDD4910 POTENS-PDD4910 Datasheet
960Kb / 5P
40V N-Channel MOSFETs
Ver.1.01
More results


Similar Description - PDD49K0BH

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSC49N60X BWTECH-MSC49N60X Datasheet
607Kb / 6P
40V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK4902DFN56 FS-FTK4902DFN56 Datasheet
801Kb / 5P
40V N-Channel MOSFETs
FTK4904D FS-FTK4904D Datasheet
957Kb / 5P
40V N-Channel MOSFETs
FTK4906D FS-FTK4906D Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4912D FS-FTK4912D Datasheet
870Kb / 5P
40V N-Channel MOSFETs
FTK4906DFN56 FS-FTK4906DFN56 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4910 FS-FTK4910 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4960DFN56 FS-FTK4960DFN56 Datasheet
983Kb / 5P
40V N-Channel MOSFETs
FTK4960P FS-FTK4960P Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4970P FS-FTK4970P Datasheet
1Mb / 5P
40V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com