Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDD2306 Datasheet (PDF) - Potens Semiconductor Corp.

PDD2306 Datasheet PDF - Potens Semiconductor Corp.
Part # PDD2306
Download  PDD2306 Download
File Size   684.3 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 20V N-Channel MOSFETs

PDD2306 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDD2306 Datasheet PDF - Potens Semiconductor Corp.

Part # PDD2306
Download  PDD2306 Click to download

File Size   684.3 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 20V N-Channel MOSFETs

PDD2306 Datasheet (HTML) - Potens Semiconductor Corp.


PDD2306 Product details

Features
2 0 V 8 0 A , RDS(ON) 5.3 m Ω@VGS = 10V
Improved dv/dt capability
Fast switching
100% EAS Guaranteed
Green Device Available

Applications
Networking
Load Switch
LED applications
Quick Charger




Similar Part No. - PDD2306

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDD2314 POTENS-PDD2314 Datasheet
416Kb / 5P
20V N-Channel MOSFETs
Ver.1.00
PDD2363C POTENS-PDD2363C Datasheet
1Mb / 5P
20V P-Channel MOSFETs
Ver.1.00
More results


Similar Description - PDD2306

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC742314 E-CMOS-EC742314 Datasheet
173Kb / 5P
20V N-Channel MOSFETs
EC772320W E-CMOS-EC772320W Datasheet
178Kb / 4P
20V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2320U FS-FTK2320U Datasheet
1Mb / 5P
20V N-Channel MOSFETs
FTK2320X FS-FTK2320X Datasheet
798Kb / 5P
20V N-Channel MOSFETs
FTK2216DFN22NN FS-FTK2216DFN22NN Datasheet
981Kb / 5P
20V Dual N-Channel MOSFETs
FTK2604DFN33 FS-FTK2604DFN33 Datasheet
765Kb / 5P
20V N-Channel MOSFETs
FTK2516DFN23 FS-FTK2516DFN23 Datasheet
882Kb / 6P
20V Dual N-Channel MOSFETs
FTK2306DFN33 FS-FTK2306DFN33 Datasheet
777Kb / 5P
20V N-Channel MOSFETs
FTK2314S FS-FTK2314S Datasheet
987Kb / 5P
20V N-Channel MOSFETs
FTK2004 FS-FTK2004 Datasheet
653Kb / 4P
20V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com