Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDD3903 Datasheet (PDF) - Potens Semiconductor Corp.

PDD3903 Datasheet PDF - Potens Semiconductor Corp.
Part # PDD3903
Download  PDD3903 Download
File Size   453.58 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 30V P-Channel MOSFETs

PDD3903 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDD3903 Datasheet PDF - Potens Semiconductor Corp.

Part # PDD3903
Download  PDD3903 Click to download

File Size   453.58 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 30V P-Channel MOSFETs

PDD3903 Datasheet (HTML) - Potens Semiconductor Corp.


PDD3903 Product details

Features
- -30V,-70A, RDS(ON) =8.5mΩ@VGS = -10V
- Fast switching
- Green Device Available
- Suit for -4.5V Gate Drive Applications
- MB / VGA / Vcore
- POL Applications

Applications
- Load Switch
- LED Application




Similar Part No. - PDD3903

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDD3901 POTENS-PDD3901 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
Ver.1.00
PDD3904C POTENS-PDD3904C Datasheet
1,000Kb / 5P
30V N-Channel MOSFETs
Ver.1.01
PDD3906 POTENS-PDD3906 Datasheet
988Kb / 5P
30V N-Channel MOSFETs
Ver.1.04
PDD3907 POTENS-PDD3907 Datasheet
824Kb / 5P
30V P-Channel MOSFETs
Ver.1.00
PDD3908 POTENS-PDD3908 Datasheet
504Kb / 5P
30V N-Channel MOSFETs
Ver.1.01
More results


Similar Description - PDD3903

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS3907 FS-FDS3907 Datasheet
1Mb / 4P
30V P-Channel MOSFETs
FTK3805 FS-FTK3805 Datasheet
927Kb / 5P
30V P-Channel MOSFETs
FTK3903DFN56 FS-FTK3903DFN56 Datasheet
788Kb / 5P
30V P-Channel MOSFETs
FTK3903Z FS-FTK3903Z Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3905 FS-FTK3905 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3911 FS-FTK3911 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3911L FS-FTK3911L Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3959DFN56 FS-FTK3959DFN56 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
30V P-Channel MOSFETs
FTK3911T FS-FTK3911T Datasheet
1Mb / 5P
30V P-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com