Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4692BCPZ Datasheet (PDF) - Analog Devices

AD4692BCPZ Datasheet PDF - Analog Devices
Part # AD4692BCPZ
Download  AD4692BCPZ Download
File Size   2611.8 Kbytes
Page   81 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel

AD4692BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4692BCPZ Datasheet PDF - Analog Devices

Part # AD4692BCPZ
Download  AD4692BCPZ Click to download

File Size   2611.8 Kbytes
Page   81 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel

AD4692BCPZ Datasheet (HTML) - Analog Devices


AD4692BCPZ Product details

FEATURES
► Easy Drive features enable compact system designs
► Precharge buffers reduce analog input and reference circuit
drive requirements
► On-chip reference buffer (WLCSP only)
► Small footprint, big performance
► Sample rate: 500kSPS (AD4691) and 1MSPS (AD4692)
► INL: ±0.85 LSB maximum
► Guaranteed 16-bit, no missing codes
► First conversion accurate
► SINAD: 93dB typical, fIN = 1kHz
► 14.6mW at fS = 1MSPS and 7.3mW at fS = 500kSPS
► 32-lead 5mm × 5mm LFCSP or 36-ball 2.96mm × 2.96mm
WLCSP
► Enhanced digital functionality
► Averaging filters per channel
► Customizable channel sequencer
► Interleaved channel sampling
► Autonomous and burst sampling modes
► 4-wire SPI compatible with 1.2V and 1.8V logic
► Wide operating temperature range: −40°C to +125°C




Similar Part No. - AD4692BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4693 AD-AD4693 Datasheet
2Mb / 77P
8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4693BCBZ-RL7 AD-AD4693BCBZ-RL7 Datasheet
2Mb / 77P
8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4693BCPZ AD-AD4693BCPZ Datasheet
2Mb / 77P
8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4693BCPZ-RL7 AD-AD4693BCPZ-RL7 Datasheet
2Mb / 77P
8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4694BCBZ-RL7 AD-AD4694BCBZ-RL7 Datasheet
2Mb / 77P
8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
More results


Similar Description - AD4692BCPZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
16-Bit ADC with Easy Drive
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
logo
Maxim Integrated Produc...
MAX11301 MAXIM-MAX11301 Datasheet
2Mb / 55P
Programmable Sample Averaging Per ADC Port
Rev 0; 3/15
logo
Texas Instruments
ADS8168 TI1-ADS8168 Datasheet
976Kb / 78P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
1Mb / 82P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166_18 Datasheet
1Mb / 83P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166_1812 TI1-ADS8166_1812 Datasheet
2Mb / 93P
8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8166 TI1-ADS8166_19 Datasheet
2Mb / 93P
8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
logo
Analog Devices
AD4695 AD-AD4695 Datasheet
1Mb / 96P
16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
12/2020-Revision 0
AD4697 AD-AD4697 Datasheet
5Mb / 107P
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com