Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYP15G0101DXB Datasheet (PDF) - Cypress Semiconductor

CYP15G0101DXB Datasheet PDF - Cypress Semiconductor
Part # CYP15G0101DXB
Download  CYP15G0101DXB Download
File Size   445.54 Kbytes
Page   39 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Single-channel HOTLink II??Transceiver

CYP15G0101DXB Datasheet (PDF)

Go To PDF Page Download Datasheet
CYP15G0101DXB Datasheet PDF - Cypress Semiconductor

Part # CYP15G0101DXB
Download  CYP15G0101DXB Click to download

File Size   445.54 Kbytes
Page   39 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Single-channel HOTLink II??Transceiver

CYP15G0101DXB Datasheet (HTML) - Cypress Semiconductor


CYP15G0101DXB Product details

Functional Description

The CYP15G0101DXB[1] single-channel HOTLink II™ transceiver is a point-to-point communications building block allowing the transfer of data over a high-speed serial link (optical fiber, balanced, and unbalanced copper transmission lines) at signaling speeds ranging from 195 to 1500 MBaud.



Features

■ Second-generation HOTLink® technology

■ Compliant to multiple standards

❐ ESCON®, DVB-ASI, fibre channel and gigabit ethernet (IEEE802.3z)

❐ CPRI™ compliant

❐ CYV15G0101DXB compliant to SMPTE 259M and SMPTE 292M

❐ 8B/10B encoded or 10-bit unencoded data

■ Single-channel transceiver operates from 195 to 1500 MBaud serial data rate

■ Selectable parity check/generate

■ Selectable input clocking options

■ Selectable output clocking options

■ MultiFrame™ Receive Framer

❐ Bit and byte alignment

❐ Comma or full K28.5 detect

❐ Single- or multi-byte framer for byte alignment

❐ Low-latency option

■ Synchronous LVTTL parallel input and parallel output interface

■ Internal phase-locked loops (PLLs) with no external PLL components

■ Dual differential PECL-compatible serial inputs

❐ Internal DC-restoration

■ Dual differential PECL-compatible serial outputs

❐ Source matched for driving 50Ω transmission lines

❐ No external bias resistors required

❐ Signaling-rate controlled edge-rates

■ Optional elasticity buffer in receive path

■ Optional phase align buffer in transmit path


■ Compatible with

❐ Fiber-optic modules

❐ Copper cables

❐ Circuit board traces

■ JTAG boundary scan

■ Built-in self-test (BIST) for at-speed link testing

■ Per-channel link quality indicator

❐ Analog signal detect

❐ Digital signal detect

■ Low power 1.25 W at 3.3 V typical

■ Single 3.3 V supply

■ 100-ball BGA

■ Pb-free package option available

■ 0.25 µ BiCMOS technology




Similar Part No. - CYP15G0101DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
457Kb / 39P
Single-channel HOTLink Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
954Kb / 44P
Single-channel HOTLink II Transceiver Compliant to multiple standards
CYP15G0101DXB-BBC CYPRESS-CYP15G0101DXB-BBC Datasheet
457Kb / 39P
Single-channel HOTLink Transceiver
CYP15G0101DXB-BBC CYPRESS-CYP15G0101DXB-BBC Datasheet
954Kb / 44P
Single-channel HOTLink II Transceiver Compliant to multiple standards
CYP15G0101DXB-BBI CYPRESS-CYP15G0101DXB-BBI Datasheet
457Kb / 39P
Single-channel HOTLink Transceiver
More results


Similar Description - CYP15G0101DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
Quad HOTLink II Transceiver
CYP15G0101 CYPRESS-CYP15G0101 Datasheet
457Kb / 39P
Single-channel HOTLink Transceiver
CYP15G0201DXB CYPRESS-CYP15G0201DXB Datasheet
577Kb / 46P
Dual-channel HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0101DXA CYPRESS-CYP15G0101DXA Datasheet
510Kb / 40P
Single Channel HOTLink II Transceiver
CYP15G0201DXB CYPRESS-CYP15G0201DXB_05 Datasheet
656Kb / 46P
Dual-channel HOTLink II??Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
Quad HOTLink II??Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB_11 Datasheet
954Kb / 44P
Single-channel HOTLink II Transceiver Compliant to multiple standards
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
CYP15G0101DXB CYPRESS-CYP15G0101DXB_12 Datasheet
519Kb / 43P
Single-channel HOTLink II??Transceiver
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com