Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYP15G0401RB Datasheet (PDF) - Cypress Semiconductor

CYP15G0401RB Datasheet PDF - Cypress Semiconductor
Part # CYP15G0401RB
Download  CYP15G0401RB Download
File Size   316.77 Kbytes
Page   35 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Quad HOTLink II??Receiver

CYP15G0401RB Datasheet (PDF)

Go To PDF Page Download Datasheet
CYP15G0401RB Datasheet PDF - Cypress Semiconductor

Part # CYP15G0401RB
Download  CYP15G0401RB Click to download

File Size   316.77 Kbytes
Page   35 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Quad HOTLink II??Receiver

CYP15G0401RB Datasheet (HTML) - Cypress Semiconductor


CYP15G0401RB Product details

Functional Description
The CYP15G0401RB Quad HOTLink II™ Receiver is a point-to-point or point-to-multipoint communications building block allowing the transfer of data over high-speed serial links (optical fiber, balanced, and unbalanced copper transmission lines) at signaling speeds ranging from 195-to-1500 MBaud per serial link.
Each receive channel accepts serial data and converts it to parallel data, decodes the data into characters, and presents these characters to an Output Register. Figure 1 illustrates typical connections between independent host systems and corresponding CYP15G0401TB and CYP15G0401RB parts.

Features
• Quad receiver for 195 to 1500 MBaud serial signaling rate
   — Aggregate throughput of 6 GBits/second
• Second-generation HOTLink® technology
• Compliant to multiple standards
   — ESCON, DVB-ASI, Fibre Channel and Gigabit Ethernet (IEEE802.3z)
   — 8B/10B encoded or 10-bit unencoded data
• Selectable parity generate
• Selectable output clocking options
• MultiFrame™ Receive Framer
   — Bit and Byte alignment
   — Comma or full K28.5 detect
   — Single- or multi-byte framer for byte alignment
   — Low-latency option
• Synchronous LVTTL parallel interface
• Optional Elasticity Buffer in Receive Path
• Internal Clock/Data Recovery (CDR) PLLs with no external PLL components
• Dual differential PECL-compatible serial inputs per channel
   — Internal DC-restoration
• Compatible with
   — Fiber-optic modules
   — Copper cables
   — Circuit board traces
• JTAG boundary scan
• Built-In Self-Test (BIST) for at-speed link testing
• Per-channel Link Quality Indicator
   — Analog signal detect
   — Digital signal detect
• Low power 2.1W @ 3.3V typical
• Single 3.3V supply
• 256-ball thermally enhanced BGA
• Pb free package available
• 0.25µ BiCMOS technology




Similar Part No. - CYP15G0401RB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0401DXA-BGC CYPRESS-CYP15G0401DXA-BGC Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0401DXA-BGI CYPRESS-CYP15G0401DXA-BGI Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
571Kb / 53P
Quad HOTLink II??Transceiver
More results


Similar Description - CYP15G0401RB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
Independent Clock Quad HOTLink II??Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
Independent Clock Quad HOTLink II??Serializer
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
Quad HOTLink II??Transceiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
Quad HOTLink II??Transmitter
CYP15G0402DXB CYPRESS-CYP15G0402DXB Datasheet
615Kb / 29P
Quad HOTLink II??SERDES
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
Independent Clock Quad HOTLink II Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
Independent Clock Quad HOTLink II Serializer
CY24130 CYPRESS-CY24130_08 Datasheet
214Kb / 6P
HOTLink II??SMPTE Receiver Training Clock
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com