Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48H02Q Datasheet (PDF) - Diodes Incorporated

PI6LC48H02Q Datasheet PDF - Diodes Incorporated
Part # PI6LC48H02Q
Download  PI6LC48H02Q Download
File Size   867.17 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PCIe® 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs for Automotive

PI6LC48H02Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6LC48H02Q Datasheet PDF - Diodes Incorporated

Part # PI6LC48H02Q
Download  PI6LC48H02Q Click to download

File Size   867.17 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PCIe® 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs for Automotive

PI6LC48H02Q Datasheet (HTML) - Diodes Incorporated


PI6LC48H02Q Product details

Features
ÎÎPCIe® 3.0/2.0/1.0 compliant
àà PCIe 3.0 Phase jitter - 0.45ps RMS (High Freq. Typ.)
ÎÎLVDS compatible outputs
ÎÎSupply voltage of 3.3V ±10%
ÎÎ25MHz crystal or clock input frequency
ÎÎHCSL outputs, 0.8V Current mode differential pair
ÎÎJitter 35ps cycle-to-cycle (typ)
ÎÎRMS phase jitter 12kHz ~ 20MHz @ 100MHz - 0.32ps (typ)
ÎÎRMS phase jitter 12kHz ~ 20MHz @ 125MHz - 0.3ps (typ)
ÎÎAutomotive Grade 3 temperature range
ÎÎPackaging: (Pb-free and Green)
àà 16-pin TSSOP (L16)

Description
The PI6LC48H02Q is a clock generator compliant to PCI Express®
3.0/2.0/1.0 and Ethernet requirements. The device is designed for
automotive applications.
The PI6LC48H02Q provides two differential (HCSL) or LVDS
outputs. Using Pericom's patented Phase Locked Loop (PLL)
techniques, the device takes a 25MHz crystal input and produces
two pairs of differential outputs (HCSL) at 25MHz, 100MHz,
125MHz, 200MHz clock frequencies.




Similar Part No. - PI6LC48H02Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6LC48H02LIE PERICOM-PI6LC48H02LIE Datasheet
960Kb / 9P
PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
More results


Similar Description - PI6LC48H02Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-03AQ PERICOM-PI6C557-03AQ_14 Datasheet
898Kb / 9P
PCIe 2.0 Clock Generator with 2 HCSL Outputs for Automotive Applications
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-05Q PERICOM-PI6C557-05Q Datasheet
977Kb / 9P
PCIe 2.0 Clock Generator with 4 HCSL Outputs for Automotive Applications
PI6CFGL202B PERICOM-PI6CFGL202B Datasheet
931Kb / 8P
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com