Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC244A Datasheet (PDF) - Texas Instruments

SN74LVC244A Datasheet PDF - Texas Instruments
Part # SN74LVC244A
Download  SN74LVC244A Download
File Size   3237.58 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC244A Octal Buffer or Driver With 3-State Outputs

SN74LVC244A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC244A Datasheet PDF - Texas Instruments

Part # SN74LVC244A
Download  SN74LVC244A Click to download

File Size   3237.58 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC244A Octal Buffer or Driver With 3-State Outputs

SN74LVC244A Datasheet (HTML) - Texas Instruments


SN74LVC244A Product details

1 Features
• Operates from 1.65V to 3.6V
• Inputs accept voltages to 5.5V
• Specified from –40°C to +85°C and
–40°C to +125°C
• Maximum tpd of 5.9ns at 3.3V
• Typical VOLP (output ground bounce)
< 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
> 2V at VCC = 3.3V, TA = 25°C
• Supports mixed-mode signal operation on
all ports (5V input or output voltage with
3.3V VCC)
• Ioff supports live insertion, partial-power-down
mode, and back-drive protection
• Can be used as a down translator to translate
inputs from a maximum of 5.5V down
to the VCC level
• Available in ultra small logic QFN package (0.5mm
maximum height)
• Latch-up performance exceeds 250mA per
JESD 17

2 Applications
• Servers
• LED displays
• Network switches
• Telecom infrastructure
• Motor drivers
• I/O expanders
• Enable or disable a digital signal
• Controlling an indicator LED
• Translation between communication modules and
system controllers

3 Description
These octal bus buffers are designed for 1.65V to
3.6V VCC operation. The SN74LVC244A devices are
designed for asynchronous communication between
data buses.




Similar Part No. - SN74LVC244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC244A TI-SN74LVC244A Datasheet
586Kb / 19P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244A TI-SN74LVC244A Datasheet
967Kb / 23P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244A TI1-SN74LVC244A Datasheet
2Mb / 43P
SN74LVC244A Octal Buffer or Driver With 3-State Outputs
MARCH 2025
SN74LVC244A TI1-SN74LVC244A Datasheet
1Mb / 28P
SN74LVC244A-Q1 Automotive Octal Buffer or Driver With 3-State Outputs
MARCH 2025
SN74LVC244A TI2-SN74LVC244A Datasheet
2Mb / 43P
SN74LVC244A Octal Buffer or Driver with 3-State Outputs
REVISED AUGUST 2025
More results


Similar Description - SN74LVC244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244A TI1-SN74LVC244A_16 Datasheet
1Mb / 34P
SN74LVC244A Octal Buffer or Driver With 3-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com